Electronic Components Datasheet Search
  English  ▼

X  

TS2951 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2951
Description  150mA Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2951 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2951 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2951 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2951 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS2951/A
150mA Ultra Low Dropout Voltage Regulator
2/10
Version: D11
Electrical Characteristics (VIN=VOUT +1V, Ta=25
oC, unless otherwise specified.)
Parameter
Test Conditions (note 2)
Min
Typ
Max
Unit
Output Voltage
Tj=25
oC
TS2951
|0.985|
5.0
3.3
3.0
|1.015|
V
TS2951A
|0.990|
|1.010|
Full Operating temp
TS2951
|0.980|
|1.020|
TS2951A
|0.988|
|1.012|
100uA
≤ I
L
≤100mA
Tj
≤Tj(max)
TS2951
|0.975|
|1.025|
TS2951A
|0.985|
|1.015|
Output Voltage Temperature
Coefficient
(Note 1)
TS2951
--
50
150
ppm/
oC
TS2951A
--
20
100
Line Regulation (Note 3)
6V
≤ V
IN
≤30V (Note 4)
--
0.04
0.2
%
Load Regulation (Note 3)
100uA
≤ I
L
≤100mA
--
0.1
0.3
%
Dropout Voltage (Note 5)
IL=100uA
IL=100mA
--
50
380
80
450
mV
mV
Ground Current
IL=100uA
IL=100mA
--
75
8
120
12
uA
mA
Dropout Ground Current
VIN= 4.5V, IL= 100uA
--
110
170
uA
Current Limit
VOUT= 0
--
160
200
mA
Thermal Regulation
--
0.05
0.2
%W
Output Noise, 10Hz to 100KHz
Bypass=0.01uF
(pins 7 to 1 TS2951/A)
CL= 1uF
CL= 200uF
CL= 3.3uF
--
--
--
430
160
100
--
--
--
uV/
rms
Reference Voltage
(Note6)
TS2951
1.185
1.235
1.285
V
TS2951A
1.19
1.27
Feedback Pin Bias Current
--
20
40
nA
Reference Voltage Temperature
Coefficient
(Note 7)
--
20
--
ppm/
oC
Feedback Pin Bias Current
Temperature Coefficient
--
0.1
--
nA/
oC
Output Leakage Current
VOH= 30V
--
0.01
1
uA
Output Low Voltage
VIN= 4.5V, IOL = 400uA
--
150
250
mV
Upper Threshold Voltage
(Note 8)
40
60
--
mV
Power Threshold Voltage
(Note 8)
--
75
95
mV
Hysteresis
(Note 8)
--
15
--
mV
Output Logic Voltage
Low (Regulator ON)
High(Regulator OFF)
--
2.0
1.3
1.3
0.7
--
V
Shut down Pin Current
Vs = 2.4V
Vs = 30V
--
30
450
50
600
uA
Regulator Output Current in
Shutdown
(Note 9)
--
3
10
uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com