Electronic Components Datasheet Search
  English  ▼

X  

BFR92 Datasheet(PDF) 1 Page - Seme LAB

Part # BFR92
Description  SMALL SIGNAL NPN RF TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFR92 Datasheet(HTML) 1 Page - Seme LAB

  BFR92 Datasheet HTML 1Page - Seme LAB BFR92 Datasheet HTML 2Page - Seme LAB BFR92 Datasheet HTML 3Page - Seme LAB BFR92 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMALL SIGNAL
NPN RF TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8347
Issue 1
Page 1 of 4
BFR92, BFR92A
• Silicon Planar Epitaxial NPN Transistor
• Hermetic Ceramic Surface Mount Package (SOT23 Compatible)
• Suitable For UHF Applications Up To 1.0GHz
• Space Level and High-Reliability Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
20V
VCEO
Collector – Emitter Voltage
15V
VEBO
Emitter – Base Voltage
2V
IC
Collector Current
25mA
ICM
Collector Peak Current
35mA
IB
Base Current
4mA
PD
Total Power Dissipation at
TA = 25°C
250mW
Derate Above 25°C
2mW/°C
TJ
Junction Temperature Range
-65 to +150°C
Tstg
Storage Temperature Range
-55 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
500
°C/W


Similar Part No. - BFR92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92 PHILIPS-BFR92 Datasheet
76Kb / 10P
NPN 5 GHz wideband transistor
September 1995
logo
Vishay Siliconix
BFR92 VISHAY-BFR92 Datasheet
145Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
NXP Semiconductors
BFR92A PHILIPS-BFR92A Datasheet
118Kb / 12P
NPN 5 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR92A VISHAY-BFR92A Datasheet
218Kb / 10P
Silicon NPN Planar RF Transistor
29-Apr-05
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
More results

Similar Description - BFR92

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N5179 MICRO-ELECTRONICS-2N5179 Datasheet
117Kb / 2P
NPN SILICON RF SMALL-SIGNAL TRANSISTOR
BC546 MICRO-ELECTRONICS-BC546 Datasheet
315Kb / 4P
NPN SILICON RF SMALL SIGNAL TRANSISTOR
BF494 MICRO-ELECTRONICS-BF494 Datasheet
117Kb / 2P
NPN SILICON RF SMALL SIGNAL TRANSISTOR
logo
Central Semiconductor C...
CP243 CENTRAL-CP243 Datasheet
198Kb / 2P
Small Signal Transistor NPN - RF Transistor Chip
CP317 CENTRAL-CP317 Datasheet
181Kb / 2P
Small Signal Transistor NPN - RF Transistor Chip
logo
Seme LAB
2N2857C1 SEME-LAB-2N2857C1 Datasheet
206Kb / 4P
SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1 SEME-LAB-2N2857C1_10 Datasheet
202Kb / 4P
SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857CSM SEME-LAB-2N2857CSM_10 Datasheet
581Kb / 4P
SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5031 NJSEMI-2N5031 Datasheet
135Kb / 1P
NPN RF SMALL SIGNAL TRANSISTOR
logo
TT Electronics.
2N2857 TTELEC-2N2857 Datasheet
175Kb / 3P
SILICON RF SMALL SIGNAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com