Electronic Components Datasheet Search
  English  ▼

X  

BFT44 Datasheet(PDF) 2 Page - Seme LAB

Part # BFT44
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFT44 Datasheet(HTML) 2 Page - Seme LAB

  BFT44_04 Datasheet HTML 1Page - Seme LAB BFT44_04 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BFT44
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6075
Issue 1
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Test Conditions
IC = -10mA,
IB = 0
VCB = -200V
IE = 0
VBE = -3V
IC = 0
IC =-10mA,
IB =-1.0mA
IC =-100mA,
IB =-10mA
IC =-500mA,
IB =-100mA
IC =-10mA,
IB =-1.0mA
IC =-100mA,
IB =-10mA
IC =-500mA,
IB =-100mA
VCE = -10V
IC = -1.0mA
VCE = -10V
IC = -10mA
VCE = -10V
IC = -100mA
Parameter
V(BR)CEO
Collector – Emitter Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
Min
Typ
Max
-300
-5
-5
-0.5
-1.4
-5.0
-0.8
-0.9
-1.2
30
50
150
50
Unit
V
µA
µA
V
V
—
fT
Transition Frequency
Cc
Collector Capacitance
ton
Turn on Time
toff
Turn off Time
IC =-15mA
VCE = -10V
f = 35MHz
VCB = -20V
IE = 0
f = 1MHz
VCC=-31V ,IC =-50mA, IB1 = IB2=5mA
VCC=-31V ,IC =-500mA,IB1 = IB2=100mA
VCC=-31V ,IC =-50mA, IB1 = IB2=5mA
VCC=-31V ,IC =-500mA,IB1 = IB2=100mA
70
15
125
125
850
125
MHz
pF
ns
ns
ns
ns
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
(*) Pulse test : Pulse Width < 300
µs ,Duty Cycle < 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com