Electronic Components Datasheet Search
  English  ▼

X  

BFX38 Datasheet(PDF) 3 Page - Seme LAB

Part # BFX38
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX38 Datasheet(HTML) 3 Page - Seme LAB

  BFX38 Datasheet HTML 1Page - Seme LAB BFX38 Datasheet HTML 2Page - Seme LAB BFX38 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = -50mA
VCE = -10V
f =100MHz
IC = 0
VEB = -0.5V
f =1MHz
IE = 0
VCB = -0.5V
f =1MHz
IC = - 500mA
VCC = -30V
IB1 = -50mA
IC = - 500mA
VCC = - 30V
IB1 = IB2 = -50mA
IC = - 500mA
VCC = - 30V
IB1 = - IB2 = -50mA
BFX38
BFX39
BFX40
BFX41
Document Number 3084
Issue 1
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
THERMAL CHARACTERISTICS
Rθth(j-case) Thermal Resistance Junction to case
44
°C/W
Rθth(j-amb) Thermal Resistance Junction to ambient
219
°C/W
Transitions Frequency
Emitter - Base Capacitance
Collector - Base Capacitance
Turn-on time
Storage Time
Fall Time
100
150
75
120
15
20
33
100
160
350
27
50
MHz
pF
ns
fT
CEBO
CCBO
ton
ts
tf
* Pulsed: pulse duration = 300
µs, duty cycle = 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com