Electronic Components Datasheet Search
  English  ▼

X  

RB495D Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RB495D
Description  0.4 Amp Schottky Barrier Rectifier 25 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB495D Datasheet(HTML) 1 Page - Micro Commercial Components

  RB495D Datasheet HTML 1Page - Micro Commercial Components RB495D Datasheet HTML 2Page - Micro Commercial Components RB495D Datasheet HTML 3Page - Micro Commercial Components RB495D Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micro Commercial Components Corp.
Products End of Life Notification
Issue date: Aug-1th-2008
Last Buy Date :Jan-1th-2009
Description and Purpose:
MCC has undergone a review of its core business and products , and
determined to discontinue below products:
Discontinued Devices
Possible Replacements
RB400D
RB400DS
Micro Commercial Components
TM
MCC
www.mccsemi.com
RB411D
RB411DS
RB420D
RB420DS
RB421D
RB421DS
RB425D
RB425DS
RB491D
RB491DS
RB495D
RB495DS


Similar Part No. - RB495D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB495D ROHM-RB495D Datasheet
53Kb / 2P
Schottky barrier diode
RB495D ROHM-RB495D Datasheet
207Kb / 4P
Shottky barrier diode
logo
TRANSYS Electronics Lim...
RB495D TEL-RB495D Datasheet
72Kb / 1P
Schottky barrier Diodes
logo
Guangdong Kexin Industr...
RB495D KEXIN-RB495D Datasheet
36Kb / 1P
Schottky barrier diode
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D Datasheet
157Kb / 2P
40V, 350mA, SMD Schottky Diode
More results

Similar Description - RB495D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2520 MCC-MBR2520 Datasheet
98Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2520CT MCC-MBR2520CT Datasheet
99Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2520 MCC-MBRB2520 Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2520CT MCC-MBRF2520CT Datasheet
400Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
RB495DS MCC-RB495DS Datasheet
171Kb / 2P
0.4 Amp Schottky Barrier Rectifier 25 Volts
logo
Kersemi Electronic Co.,...
MBR2540CT KERSEMI-MBR2540CT Datasheet
820Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2545 KERSEMI-MBR2545 Datasheet
819Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR2520CT MCC-MBR2520CT_14 Datasheet
243Kb / 3P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
RB495DS MCC-RB495DS_17 Datasheet
391Kb / 3P
0.4 Amp Schottky Barrier Rectifier 25 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com