Electronic Components Datasheet Search
  English  ▼

X  

BFY50 Datasheet(PDF) 1 Page - Seme LAB

Part # BFY50
Description  MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFY50 Datasheet(HTML) 1 Page - Seme LAB

  BFY50 Datasheet HTML 1Page - Seme LAB BFY50 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Numer 3085
Issue 1
BFY50
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
MEDIUM POWER AMPLIFIERS
NPN SILICON PLANAR
TRANSISTOR
Description
The BFY50 is a Silicon Planar Epitaxial NPN
Transistor in Jedec TO39 metal case. they
are intended for general purpose linear and
switching applications
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
ICM
Collector Peak Current
PTOT
Total Power Dissipation @ Tamb ≤ 25°C
@ Tcase ≤ 25°C
Tstg,Tj
Storage and Operatuing Junction Temperature
Rj-case
Thermal Resistance Junction to Case
Rj-amb
Thermal Resistance Junction to Ambient
80V
35V
6V
1A
1.5A
0.8W
5W
–65 to 200°C
35°C / W
218°C / W
MECHANICAL DATA
Dimensions in mm (inches)
TO39 PACKAGE (TO-205AD)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Pin 1 = Emitter
Underside View
Pin 2 = Base
Pin 3 = Collector
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)


Similar Part No. - BFY50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFY50 PHILIPS-BFY50 Datasheet
55Kb / 8P
NPN medium power transistors
1997 Apr 22
logo
STMicroelectronics
BFY50 STMICROELECTRONICS-BFY50 Datasheet
46Kb / 5P
MEDIUM POWER AMPLIFIER
Nov-1997
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
18Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Central Semiconductor C...
BFY50 CENTRAL-BFY50 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Continental Device Indi...
BFY50 CDIL-BFY50 Datasheet
138Kb / 4P
SILICON PLANAR TRANSISTORS
More results

Similar Description - BFY50

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
18Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Zetex Semiconductors
BC639 ZETEX-BC639 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GMBT1036 GTM-GMBT1036 Datasheet
486Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com