Electronic Components Datasheet Search
  English  ▼

X  

BSV64 Datasheet(PDF) 1 Page - Seme LAB

Part # BSV64
Description  SILICON NPN PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BSV64 Datasheet(HTML) 1 Page - Seme LAB

  BSV64 Datasheet HTML 1Page - Seme LAB BSV64 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number 3086
Issue 1
BSV64
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
SILICON NPN
PLANAR TRANSISTOR
VCBO
Collector – Base Voltage (open emitter)
VCER
Collector – Emitter Voltage (RBE ≤ 50Ω)
VCEO
Collector – Emitter Voltage (open base)
VEBO
Emitter – Base Voltage (open collector)
IC
Collector Current (d.c.)
ICM
Collector Current (peak value)
IB
Base Current (d.c.)
PTOT
Total Device Dissipation @ Tamb = 25°C
PTOT
Total Device Dissipation @ TCase = 50°C
Tstg,
Storage Temperature
Tj
Junction Temperature
R
θj-c
Thermal Resistance Junction to Case
R
θj-a
Thermal Resistance Junction to Ambient
100V
80V
60V
5V
2A
5A
1A
0.87W
5W
–65 to 200°C
175°C
25°C / W
172°C / W
MECHANICAL DATA
Dimensions in mm (inches)
Underside View
TO39 PACKAGE (TO-205AD)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Pin 1 = Emitter
Pin 2 = Base
Pin 3 = Collector
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
DESCRIPTION
General Purpose NPN Transistor in a
Hermetic TO39 Package
FEATURES
• VCBO = 100V
• VCEO = 60V
• IC = 2A


Similar Part No. - BSV64

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BSV64 SEME-LAB-BSV64 Datasheet
15Kb / 2P
SILICON NPN PLANAR TRANSISTOR
logo
Central Semiconductor C...
BSV64 CENTRAL-BSV64 Datasheet
56Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
BSV64 NJSEMI-BSV64 Datasheet
120Kb / 2P
SILICON NPN PLANAR TRANSISTOR
More results

Similar Description - BSV64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com