Electronic Components Datasheet Search
  English  ▼

X  

TS5213CU5RF Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS5213CU5RF
Description  80mA Low Noise LDO Voltage Regulator with Enable Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213CU5RF Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS5213CU5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213CU5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213CU5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213CU5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213CU5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213CU5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213CU5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213CU5RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS5213
80mA Low Noise LDO Voltage Regulator
with Enable Function
7/8
Version: E07
SOT-353 Mechanical Drawing
Marking Diagram
X = Voltage Code
(5 = 5.0V, S = 3.3V, K = 2.5V)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
SOT-353 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
1.80
2.20
0.0709
0.0866
B
0.25
0.40
0.0098
0.0157
C
1.30(typ)
0.0512(typ)
D
1.15
1.35
0.0453
0.0531
E
1.80
2.40
0.0709
0.0945
F
0.35
0.50
0.0137
0.0197
G
0.80
1.10
0.0315
0.0433
H
0.10
0.45
0.0039
0.0177



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com