Electronic Components Datasheet Search
  English  ▼

X  

BUP52 Datasheet(PDF) 1 Page - Seme LAB

Part # BUP52
Description  SILICON MULTI-EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUP52 Datasheet(HTML) 1 Page - Seme LAB

  BUP52 Datasheet HTML 1Page - Seme LAB BUP52 Datasheet HTML 2Page - Seme LAB BUP52 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON MULTI-EPITAXIAL
NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8313
Issue 1
Page 1 of 3
BUP52
•
Low VCE(SAT), Fast switching.
•
Hermetic TO3 Metal package.
•
Ideally suited for Motor Control, Switching
and Linear Applications
•
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VCEX
Collector – Emitter Voltage
VBE = -1.5V
300V
VCEO
Collector – Emitter Voltage
200V
VEBO
Emitter – Base Voltage
10V
IC
Continuous Collector Current
70A
ICM
Peak Collector Current
90A
PD
Total Power Dissipation at
TC = 25°C
300W
Derate Above 25°C
1.72W/°C
TJ
Junction Temperature Range
-55 to +200°C
Tstg
Storage Temperature Range
-55 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
0.58
°C/W


Similar Part No. - BUP52

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUP52 SEME-LAB-BUP52 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
logo
Inchange Semiconductor ...
BUP52 ISC-BUP52 Datasheet
298Kb / 2P
isc Silicon NPN Power Transistor
logo
TT Electronics.
BUP52 TTELEC-BUP52 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
More results

Similar Description - BUP52

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6277 SEME-LAB-2N6277_09 Datasheet
202Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUP51 SEME-LAB-BUP51_09 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUP53 SEME-LAB-BUP53_09 Datasheet
195Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUP54 SEME-LAB-BUP54_09 Datasheet
195Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
TT Electronics.
BUP51 TTELEC-BUP51 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUP52 TTELEC-BUP52 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUV20 TTELEC-BUV20 Datasheet
479Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX10 TTELEC-BUX10 Datasheet
191Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX11 TTELEC-BUX11 Datasheet
200Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX12 TTELEC-BUX12 Datasheet
193Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com