Electronic Components Datasheet Search
  English  ▼

X  

BUY47 Datasheet(PDF) 1 Page - Seme LAB

Part # BUY47
Description  HIGH VOLTAGE, HIGH CURRENT SILICON EXPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUY47 Datasheet(HTML) 1 Page - Seme LAB

  BUY47 Datasheet HTML 1Page - Seme LAB BUY47 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUY47
BUY48
Document Number 3088
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VCBO
Collector – Base Voltage
(IE = 0)
VCEO
Collector – Emitter Voltage
(IB = 0)
VEBO
Emitter – Base Voltage
(IC = 0)
IC
Collector Current
ICM
Peak Collector Current (repetitive)
Ptot
Total Power Dissipation
@Tamb = 25°C
@Tcase = 25°C
TSTG
Storage Temperature Range
TJ
Maximum Operating Junction Temperature
RθJA
Thermal Resistance Junction - Air
RθJC
Thermal Resistance Junction - Case
6V
7A
10A
1W
10W
–65 to +200°C
200°C
175 °C/W
15°C/W
MECHANICAL DATA
Dimensions in mm (inches)
HIGH VOLTAGE, HIGH CURRENT
SILICON EXPITAXIAL PLANAR
NPN TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (T
case = 25°C unless otherwise stated)
APPLICATIONS
Intended for High Voltage, High Current,
Switching Applications up to 7A.
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
Pin 1 – Emitter
Pin 2 – Base
Pin 3 – Collector
TO–39 PACKAGE (TO-205AD)
BUY47
BUY48
150V
120V
200V
170V
Underside View


Similar Part No. - BUY47

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUY47 SEME-LAB-BUY47 Datasheet
20Kb / 2P
HIGH VOLTAGE, HIGH CURRENT SILICON EXPITAXIAL PLANAR NPN TRANSISTOR
logo
Central Semiconductor C...
BUY47 CENTRAL-BUY47 Datasheet
56Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
BUY47 NJSEMI-BUY47 Datasheet
119Kb / 2P
HIGH VOLTAGE, HIGH CURRENT SILICON EXPITAXIAL PLANAR NPN TRANSISTOR
logo
TT Electronics.
BUY47 TTELEC-BUY47 Datasheet
93Kb / 3P
HIGH VOLTAGE, HIGH CURRENT NPN TRANSISTOR
More results

Similar Description - BUY47

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUY47 SEME-LAB-BUY47 Datasheet
20Kb / 2P
HIGH VOLTAGE, HIGH CURRENT SILICON EXPITAXIAL PLANAR NPN TRANSISTOR
BUY49S SEME-LAB-BUY49S Datasheet
15Kb / 2P
HIGH VOLTAGE MEDIUM CURRENT SILICON EXPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
BU407 UTC-BU407 Datasheet
52Kb / 2P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C Datasheet
131Kb / 2P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407_15 Datasheet
140Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_15 Datasheet
170Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
220Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
217Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BUY47 NJSEMI-BUY47 Datasheet
119Kb / 2P
HIGH VOLTAGE, HIGH CURRENT SILICON EXPITAXIAL PLANAR NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com