Electronic Components Datasheet Search
  English  ▼

X  

TSM1N60LCPRO Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM1N60LCPRO
Description  600V N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM1N60LCPRO Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM1N60LCPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM1N60LCPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM1N60LCPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM1N60LCPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM1N60LCPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM1N60LCPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM1N60LCPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSM1N60L
600V N-Channel Power MOSFET
2/7
Version: B07
Thermal Performance
Parameter
Symbol
Limit
Unit
Lead Temperature (1/8” from case)
TL
10
S
Thermal Resistance – Junction to Case
RӨJC
4.16
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
100
oC/W
Notes: Surface mounted on FR4 board of 1 in
2, 2oz Cu, t ≤ 10sec
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
600
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 0.6A
RDS(ON)
--
10.5
12
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
IDSS
--
--
10
uA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
± 100
nA
Forward Transconductance
VDS ≧50V, ID = 0.5A
gfs
--
10
--
S
Diode Forward Voltage
IS = 1A, VGS = 0V
VSD
--
--
1.5
V
Dynamic
b
Total Gate Charge
VDS = 400V, ID = 1A,
VGS = 10V
Qg
--
8.5
14
nC
Gate-Source Charge
Qgs
--
1.8
--
Gate-Drain Charge
Qgd
--
4
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
210
--
pF
Output Capacitance
Coss
--
28
--
Reverse Transfer Capacitance
Crss
--
4.2
--
Switching
b,c
Turn-On Delay Time
VGS = 10V, ID = 1A,
VDS = 300V, RG = 6
td(on)
--
8
--
nS
Turn-On Rise Time
tr
--
21
--
Turn-Off Delay Time
td(off)
--
18
--
Turn-Off Fall Time
tf
--
24
--
Notes:
a.
Pulse test: pulse width <=300uS, duty cycle <=2%
b.
For design reference only, not subject to production testing.
c.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com