Electronic Components Datasheet Search
  English  ▼

X  

IP140A Datasheet(PDF) 1 Page - Seme LAB

Part # IP140A
Description  1 AMP POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP140A Datasheet(HTML) 1 Page - Seme LAB

  IP140A Datasheet HTML 1Page - Seme LAB IP140A Datasheet HTML 2Page - Seme LAB IP140A Datasheet HTML 3Page - Seme LAB IP140A Datasheet HTML 4Page - Seme LAB IP140A Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IP140A SERIES
IP140
SERIES
IP7800A SERIES
IP7800
SERIES
LM140
SERIES
Document Number 2833
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Pin 1 – VIN
Pin 2 – VOUT
Case – Ground
K Package – TO–3
Pin 1 – VIN
Pin 2 – VOUT
Case – Ground
R Package – TO–66
12
3
3
12
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
Case – Ground*
G Package – TO–257
IG Package– TO–257*
* isolated Case on IG package
1 23
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
SMD 1 PACKAGE
Ceramic Surface Mount
13
2
1 AMP POSITIVE
VOLTAGE REGULATOR
FEATURES
• OUTPUT CURRENT UP TO 1.0A
• OUTPUT VOLTAGES OF 5, 12, 15V
• 0.01% / V LINE REGULATION
• 0.3% / A LOAD REGULATION
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
• 1% VOLTAGE TOLERANCE (–A VERSIONS)
VI
DC Input Voltage
(for VO = 5, 12, 15V)
PD
Power Dissipation
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature
35V
Internally limited 1
–55 to 150°C
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Note 1. Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation PMAX
of 20W. IMAX = 1.0A.
DESCRIPTION
The IP140A / LM140 / IP7800A / IP7800 series of
3 terminal regulators is available with several fixed output
voltage making them useful in a wide range of applications.
The A suffix devices are fully specified at 1A,
provide 0.01% / V line regulation, 0.3% / A load regulation
and ±1% output voltage tolerance at room temperature.
Protection features include Safe Operating Area current
limiting and thermal shutdown.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
LCC4
CERAMIC SURFACE
MOUNT
Pins 4,5 – VIN .
Pins 6,7,8,9,10,11,12,13 – VOUT
Pins 15,16,17,18,1,2 – Ground
15 16
13
12
14
17
18
1
2
3
4
5
6
7
11
10
8
9
2
1
3
2.41 (0.095)
(0.030)
min.
0.127 (0.005)
(0.296)
3.175 (0.125)
Max.
0.50 (0.020)
max.
7.54
0.76
2.41 (0.095)
0.127 (0.005)
(0.286)
7.26
16 PLCS
0.50(0.020)
0.127 (0.005)
Pin 1 – VIN
Pin 2 – Ground
Pin 3 – VOUT
SMD 05 PACKAGE
Ceramic Surface Mount


Similar Part No. - IP140A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A Datasheet
87Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
IP140AG-05 SEME-LAB-IP140AG-05 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
IP140AG-12 SEME-LAB-IP140AG-12 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - IP140A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com