Electronic Components Datasheet Search
  English  ▼

X  

LT050MS Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT050MS
Description  Red Laser Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT050MS Datasheet(HTML) 1 Page - Sharp Corporation

  LT050MS Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
s
Outliine Dimensions
s
Features
Compact Laser Diode for DVD(635nm-5mW)
Red Laser Diode
Electro-optical characteristics
(Tc=25˚C,Po=3mW)
s
Specifications
s
Applications
LT050PS/MS
1
2
3
1
2
3
90˚
LD chip
Reference surface
Cap glass
Junction
Minitor photodiode
X
Y
0.4
ø
ø
Z
ø 5.6
ø 4.4
1.0
3.55
3
1
2
Laser diode
Monitor Photodiode
3
1
2
Laser diode
Monitor Photodiode
[Pin connection]
LT050PS
LT050MS
• DVD players
• Bar code readers
• Pointers etc.
Tec.L950801-A
(Unit:mm)
ø3-0.45
• LT050MS •••• Double power supply
• LT050PS •••• Single power supply
Under development
New product
s
General Description
Sharp's red laser diodes LT050PS / LT050MS have been
developed for DVD that will bring a great hope to visual media
of the next generation.
s
Model Name
(1) Maximum optical output : 5mW
(2) Wavelength: 635nm
(3) Compact ø5.6mm package
(4) Stable transverse mode
(5) High temperature operation at 60˚C
(7) Realizes high temperature operation by introducing a tensile strain
into the multi-quantum well active layer.
(8) Stable optical characteristics by developing an index guide
structure of MBE method 2 times growth
(9) Pair use with Sharp's OPIC* light detector IS1630 is
recommended.
*OPIC : OPIC (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detectinf ele,ent and signal-
processing circuit integrated onto a single chip.
Symbol
Po
λp
Ith
Iop
Vop
θ//
θ⊥
mW
nm
mA
mA
V
˚
˚
MAX. 5
635
45
55
2.3
8
30
Ratings(TYP.)
Parameter
Optical power output
Wavelength
Threshold current
Operating current
Operating voltage
Radiation Parallel
angle
Perpendicular
As of June 1996
(Notice)
(Internet)
• Data for Sharp's optoelectronic/power devices is provided for internet. ( Address http://www.sharp.co.jp/ecg/)
• In the absence of device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
• Specifications are subject to change without notice for improvement.


Similar Part No. - LT050MS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LT0501MA LUGUANG-LT0501MA Datasheet
2Mb / 5P
Low Capacitance ESD Protection Device
More results

Similar Description - LT050MS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
logo
List of Unclassifed Man...
DL-5147-041 ETC1-DL-5147-041 Datasheet
348Kb / 2P
Red Laser Diode
logo
Sanyo Semicon Device
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com