Electronic Components Datasheet Search
  English  ▼

X  

IRF9130 Datasheet(PDF) 1 Page - Seme LAB

Part # IRF9130
Description  P?밅HANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRF9130 Datasheet(HTML) 1 Page - Seme LAB

  IRF9130 Datasheet HTML 1Page - Seme LAB IRF9130 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRF9130
39.95 (1.573)
max.
17.15 (0.675)
16.64 (0.655)
30.40 (1.197)
30.15 (1.187)
1
2
4.09 (0.161)
3.84 (0.151)
dia.
2 plcs.
20.32 (0.800)
18.80 (0.740)
dia.
1.09 (0.043)
0.97 (0.038)
dia.
2 plcs.
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 0 , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 0 , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
IAR
Avalanche Current 1
EAR
Repetitive Avalanche Energy 1
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
TL
Lead Temperature
1.6mm (0.63”) from case for 10 sec.
MECHANICAL DATA
Dimensions in mm (inches)
P–CHANNEL
POWER MOSFET
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• HERMETICALLY SEALED TO–3 METAL
PACKAGE
• SIMPLE DRIVE REQUIREMENTS
• SCREENING OPTIONS AVAILABLE
TO–3 Metal Package
Pin 1 – Gate
Pin 2 – Source
Case – Drain
Notes
1) Repetitive Rating – Pulse width limited by maximum junction temperature.
2) @ VDD = –25V , L ≥ 1.0mH , RG = 25Ω , Peak IL = –11A , Starting TJ = 25°C
3) @ ISD ≤ –11A , di/dt ≤ –140A/µs , VDD ≤ BVDSS , TJ ≤ 150°C , Suggested RG = 7.5Ω
VDSS
–100V
ID(cont)
–11A
RDS(on)
0.2
Ω
Ω
±20V
–11A
–7.0A
–50A
75W
0.6W/°C
81mJ
–11A
7.5mJ
–5.5V/ns
–55 to +150°C
300°C
Document Number 5676
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - IRF9130

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9130 SAMSUNG-IRF9130 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF9130 SEME-LAB-IRF9130 Datasheet
19Kb / 2P
P-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
logo
International Rectifier
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
logo
Inchange Semiconductor ...
IRF9130 ISC-IRF9130 Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - IRF9130

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6790 SEME-LAB-2N6790 Datasheet
45Kb / 2P
N?밅HANNEL POWER MOSFET
2N6845LCC4 SEME-LAB-2N6845LCC4 Datasheet
23Kb / 2P
P?밅HANNEL POWER MOSFET
2N7225U1 SEME-LAB-2N7225U1 Datasheet
25Kb / 2P
N?밅HANNEL POWER MOSFET
2N7228 SEME-LAB-2N7228 Datasheet
21Kb / 2P
N?밅HANNEL POWER MOSFET
IRFNJ5305 SEME-LAB-IRFNJ5305 Datasheet
22Kb / 2P
P?밅HANNEL POWER MOSFET
2N6782LCC4 SEME-LAB-2N6782LCC4_07 Datasheet
30Kb / 2P
N?밅HANNEL POWER MOSFET
IRF9240 SEME-LAB-IRF9240_03 Datasheet
29Kb / 2P
P?밅HANNEL POWER MOSFET
IRFM250 SEME-LAB-IRFM250_06 Datasheet
54Kb / 3P
N?밅HANNEL POWER MOSFET
logo
ON Semiconductor
NTES1P02 ONSEMI-NTES1P02 Datasheet
38Kb / 4P
P?밅hannel Power MOSFET
January, 2001 ??Rev. 0
logo
Leshan Radio Company
LBSS84ELT1G LRC-LBSS84ELT1G Datasheet
541Kb / 5P
Power MOSFET 50 Volts P?밅hannel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com