Electronic Components Datasheet Search
  English  ▼

X  

IRFF9130 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFF9130
Description  P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFF9130 Datasheet(HTML) 1 Page - Seme LAB

  IRFF9130 Datasheet HTML 1Page - Seme LAB IRFF9130 Datasheet HTML 2Page - Seme LAB IRFF9130 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P-CHANNEL
POWER MOSFET
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 3098
Issue 2
Page 1 of 3
IRFF9130 / 2N6849
• MOSFET Transistor In A Hermetic Metal TO-205AF Package
• Single Pulse Avalanche Energy Rated
• Designed For Switching, Power Supply,
Motor Control and Amplifier Applications
• Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VDS
Drain – Source Voltage
-100V
VDG
Drain – Gate Voltage
RGS = 20K
-100V
VGS
Gate – Source Voltage
±20V
ID
Continuous Drain Current
Tc = 25°C
-6.5A
ID
Continuous Drain Current
Tc = 100°C
-4.1A
IDM
Pulsed Drain Current
(1)
-25A
PD
Total Power Dissipation at
Tc = 25°C
25W
Derate Above 25°C
0.2W/°C
EAS
Single Pulse Avalanche Energy
(2)(4)
500mJ
TJ
Junction Temperature Range
-55 to +150°C
Tstg
Storage Temperature Range
-55 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJC
Thermal Resistance, Junction To Case
5
°C/W
RθJA
Thermal Resistance, Junction To Ambient
175
°C/W
INTERNAL PACKAGE INDUCTANCE
Symbols
Parameters
Typ.
Units
LS + LD
Total Inductance
7
nH
Notes
Notes
Notes
Notes
(1)
Repetitive Rating: Pulse width limited by maximum junction temperature
(2)
@VDD = -25V, Starting TJ = 25°C, L = 17.25mH, Peak IL = -6.5A, VGS = -10V
(3)
Pulse Width ≤ 300us, δ ≤ 2%
(4)
By Design Only, Not A Production Test.


Similar Part No. - IRFF9130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
-6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
February 1999
logo
International Rectifier
IRFF9130 IRF-IRFF9130 Datasheet
133Kb / 7P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
logo
Seme LAB
IRFF9130 SEME-LAB-IRFF9130 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
IRFF9130 NJSEMI-IRFF9130 Datasheet
687Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
More results

Similar Description - IRFF9130

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com