Electronic Components Datasheet Search
  English  ▼

X  

IRFJ240 Datasheet(PDF) 2 Page - Seme LAB

Part # IRFJ240
Description  N-CHANNEL POWER MOSFET FOR HI?밨EL APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFJ240 Datasheet(HTML) 2 Page - Seme LAB

  IRFJ240 Datasheet HTML 1Page - Seme LAB IRFJ240 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IRFJ240
Document Number 5265
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = 250μA
Reference to 25°C
ID = 1mA
VGS = 10V
ID = 7A*
VDS = VGS
ID = 250μA
VDS ≥ ID x RDS(on) ID = 7A*
VGS = 0
VDS = 0.8BVDSS
TJ = 125°C
VGS = 20V
VGS = –20V
VGS = 0
VDS = 25V
f = 1MHz
VGS = 10V
ID = 16A
VDS = 0.8BVDSS
VDD = 75V
ID = 7A
Z0 = 4.7Ω
IS = 13A
TJ = 25°C
VGS = 0
IF = 13A
TJ = 25°C
di / dt ≤ 100A/μsVDD ≤ 50V
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance
Gate Threshold Voltage
Forward Transconductance
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
200
1.42
0.14
0.18
24
69
250
1000
100
-100
1275
500
160
43
60
16
27
16
30
27
60
40
80
31
60
13
50
2
650
4.1
5.0
12.5
V
V/°C
Ω
V
S(
Ω
μA
nA
pF
nC
ns
A
V
ns
μC
nH
BVDSS
ΔBVDSS
ΔTJ
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
LD
LS
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Internal Drain Inductance
(from 6mm down drain lead pad to centre of die)
Internal Source Inductance (from 6mm down source lead to centre of source bond pad)
PACKAGE CHARACTERISTICS
* Pulse width
≤ 300μs; Duty Cycle ≤ 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com