Electronic Components Datasheet Search
  English  ▼

X  

SML6686 Datasheet(PDF) 2 Page - Seme LAB

Part # SML6686
Description  NPN MULTI-EPITAXIAL POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML6686 Datasheet(HTML) 2 Page - Seme LAB

  SML6686 Datasheet HTML 1Page - Seme LAB SML6686 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCEO(sus)
V(BR)EBO
ICEX
ICER
IEBO
VCE(sat)*
VBE(sat)*
SML6686
Document Number 2652
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IC = 0.2A
IB = 0
L = 25mH
IC = 0
IE = 1mA
VCE = VCEX
VBE = –1.5V
TJ = 100°C
RBE = 10R
VCE = VCEX
TJ = 100°C
IC = 0
VBE = –5V
IC = 25A
IB = 2.5A
TJ = 100°C
IC = 25A
IB = 2.5A
TJ = 100°C
160
7
1.0
4.0
1.0
5.0
0.5
0.5
0.9
1.5
1.2
1.5
1.4
V
V
mA
mA
V
V
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr
ts
tf
IC = 20A
IB1 =IB2 = 2.5A
VCC = 80V
Rise Time
Storage Time
Fall Time
Collector - Emitter Sustaining
Voltage
Emitter – Base Breakdown Voltage
Collector Cut-off Current
Collector Cut-off Current
Emitter Cut-off Current
Collector – Emitter Saturation
Voltage
Base – Emitter
Saturation Voltage
0.8
2.2
0.6
ms
SWITCHING CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse Test: tp = 300ms, d£ 2%
Switching Characteristics (Resistive Load)
Preliminary Datasheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com