Electronic Components Datasheet Search
  English  ▼

X  

LT1442 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT1442
Description  Dot Matrix LED Unit for Outdoor Use (Lamp Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1442 Datasheet(HTML) 2 Page - Sharp Corporation

  LT1442 Datasheet HTML 1Page - Sharp Corporation LT1442 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
178
159
P10!13=130
9.5
9.5
156
154
60
60
256-ø7.5
1
1
VR1
VR2
CN2
5
7
CN1
51
7
CN3
1
49
21
Depth7
6-M3
7
RDATA
CN2(Input signal)
4
GND
GENABLE
2
5
CLOCK
3
LATCH
1
GDATA
5
CLOCK
6
RENABLE
6
RENABLE
3
LATCH
1
GDATA
GENABLE
4
GND
2
7
RDATA
CN3(Output signal)
1
VLED
Pin connection
CN1(Power supply)
4
GND
5
VLED
3
VCC
2
GND
15
23
52
38
1.6t
Dot Matrix LED Unit Outline Dimensions(Unit:mm)
15
18
13.3
H D16
HD31
VD15
P9.0!15= 135
144
256-ø7.5L E D
D0
H
4-M3(Depth 6MIN.)
Hexagonal spacer ASB315
VD0
D15
H
LATCH
1
Ao
2
3
A1
A2
CN3(Output signal)
10
5
RDATA
6
GDATA
8
GENABLE
9
CLK
GND1
7
GND2
1
2
3
Ao
A1
A2
VDD
VLED
VLED
6
5
4
3
2
1
GND1
10
5
RDATA
6
GDATA
7
LATCH
8
9
CLK
GND1
GND2
6
1
19.8
10
125.58
1
10
4
RENABLE
CN1
4
CN3
CN2
RENABLE
GENABLE
CN2(Input signal)
CN1(Power supply)
1
Pin connection
11.6
12
HD16
HD15
HD13
HD47
HD63
VD15
VD0
159
HD32
148.5
(P9.9!15)
HD0
1
A0
CN2:Input signal
2
VLED
4
GND1
3
Vcc
1
VLED
CN1:Power supply
4
RENABLE
3
GND1
CN3:Output signal
1
A0
2
A1
10
GND1
9
CLK
7
LATCH
6
GDATA
5
RDATA
10
GND1
8
GENABLE
7
LATCH
6
GDATA
5
RDATA
9
CLK
3
GND1
6
GND2
5
GND2
2
A1
20
59.4
59.4
159
10
Height 3
132
10
VR2
VR1
1
CN2
CN1
6
CN3
1
1
6-M3(Depth10)
20
Water-proof ring
5
5
ø3 Boss
22
8
GENABLE
4
RENABLE
HD48
Pin connection
LT1448MA
LT1442M/LT1445M
LT1447M
9
10
11
RADJ
P14.9!15=223.5
239.2
HD16
HD31
HD0
HD15
VD0
VD15
11.0MAX.
Height
(Except CN1 to 3)
11.0 18.0 16.6
206.0
190.0
217.0
CN1
6
177.0
60.0
1
10
1
CN3
10
2-
ø3.0(Height3)
Positioning pin
Water-proof rubber
8-
ø7.0 concave
P3.96!5=19.8
145.0
12-
(M3)
Insert nut
6
Depth MIN.
45.0
1
GADJ
CN2
6.5
ø
7.0
ø
1
A0
2
3
4
5
6
7
8
9
10
A1
A2
RENABLE
RDATA
GDATA
LATCH
GENABLE
CLOCK
GND1
CN2
Pin No.
Name
Pin connection
(Input signal)
1
A0
2
3
4
5
6
7
8
9
10
A1
A2
RENABLE
RDATA
GDATA
LATCH
GENABLE
CLOCK
GND1
Pin No.
Name
(Output signal)
CN3
1
VLED
2
3
4
VLED
Vcc
GND1
CN1
Pin No.
Name
(Power supply)
5
GND2
6
GND2
256-13.0 ! 13.0
LT1540M
12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com