Electronic Components Datasheet Search
  English  ▼

X  

ZTX653DCSM Datasheet(PDF) 2 Page - Seme LAB

Part # ZTX653DCSM
Description  NPN/PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICTIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

ZTX653DCSM Datasheet(HTML) 2 Page - Seme LAB

  ZTX653DCSM Datasheet HTML 1Page - Seme LAB ZTX653DCSM Datasheet HTML 2Page - Seme LAB ZTX653DCSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZTX653DCSM
ZTX753DCSM
Document Number 2836
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 100µA
IC = 10mA
IE = 100µA
VCB = 100V
TC = 100°C
VEB = 4V
IC = 500mA
IB = 50mA*
IC = 1A
IB = 100mA*
IC = 2A
IB = 200mA*
IC = 1A
IB = 100mA*
IC = 1A
VCE = 2V*
IC = 50mA
VCE = 2V*
IC = 500mA
VCE = 2V*
IC = 1A
VCE = 2V*
IC = 2A
VCE = 2V*
ZTX653 ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector – Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
VBE(on)
Base – Emitter Turn-On Voltage
HFE
DC Current Gain
120
100
5
0.1
10
0.1
0.2
0.3
0.35
0.5
0.8
1.0
1.0
1.3
0.95
1.2
70
200
100
200
300
55
110
25
55
V
µA
V
—
fT
Transition Frequency
Cobo
Output Capacitance
Ton
Switching Times
Toff
Switching Times
IC = 100mA
VCE = 5V
f = 100MHz
VCB = 10V
f = 1.0MHz
IC = 500mA VCC = 10V
IB1=IB2=50mA
140
175
30
80
1200
MHz
pF
ns
DYNAMIC CHARACTERISTICS (T
A = 25°C unless otherwise stated)
* Pulse test tp = 300ms , δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com