Electronic Components Datasheet Search
  English  ▼

X  

US1K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # US1K
Description  1.0AMP. High Efficient Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

US1K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  US1K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd US1K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by ART
UL Recognized File # E-326243
Glass passivated chip junction
For surface mounted application
Low profile package
Built-in strain relief
Ideal for automated placement
Easy pick and place
Ultrafast recovery time for high efficiency
Low forward voltage, low power loss
US1X
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol US1A US1B US1D US1G
US1J
US1K US1M
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
1.7
V
50
75
5
150
uA
1.0
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Case: Molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Mechanical Data
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum Instantaneous Forward Voltage (Note 1)
@ 1.0A
VF
Typical Thermal Resistance (Note 4)
Version:F11
- 55 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
RθjA
RθjL
75
27
OC/W
Weight: 0.064 grams
Features
Polarity: Indicated by cathode band
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 4: P.C.B Mounted on 0.2" x 0.2" (5mm x 5mm) Copper Pad Area
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
1.0
30
US1A - US1M
1.0AMP. High Efficient Surface Mount Rectifiers
Marking Diagram
SMA/DO-214AC
Dimensions in inches and (millimeters)
High temperature soldering guaranteed:
260℃/10 seconds on terminals
15
10
Type Number
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @ TL=110℃
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Maximum RMS Voltage
Maximum DC Blocking Voltage
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - US1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1K PANJIT-US1K Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
US1K SURGE-US1K Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1K TRSYS-US1K Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
US1K SSE-US1K Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Dc Components
US1K DCCOM-US1K Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A_11 Datasheet
216Kb / 2P
1.0AMP High Efficient Surface Mount Rectifiers
S1A TSC-S1A_11 Datasheet
196Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
US1A LUGUANG-US1A Datasheet
196Kb / 2P
1.0AMP. Surface Mount High Efficient Rectifiers
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
1.0AMP. High Efficient Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
HS1AL TSC-HS1AL Datasheet
359Kb / 4P
1.0AMP High Efficient Surface Mount Rectifiers
S1GM TSC-S1GM Datasheet
312Kb / 4P
1.0AMP Surface Mount Rectifiers
US1A TSC-US1A_13 Datasheet
294Kb / 4P
1.0AMP. High Efficient Surface Mount Rectifiers
US1MR2 TSC-US1MR2 Datasheet
212Kb / 2P
1.0AMP. High Efficient Surface Mount Rectifiers
S1AB TSC-S1AB_13 Datasheet
252Kb / 4P
1.0AMP Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com