Electronic Components Datasheet Search
  English  ▼

X  

S2D-L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S2D-L
Description  1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S2D-L Datasheet(HTML) 1 Page - Micro Commercial Components

  S2D-L Datasheet HTML 1Page - Micro Commercial Components S2D-L Datasheet HTML 2Page - Micro Commercial Components S2D-L Datasheet HTML 3Page - Micro Commercial Components S2D-L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S2A-L
THRU
S2M-L
1.5 Amp
Glass Passivated
Silicon Rectifier
50 to 1000 Volts
Features
•
High Current Capability
•
Low Forward Voltage Drop.
•
For Surface Mount Applications
•
High Temp Soldering: 2
60
°C for 10 Seconds At Terminals
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Typical Thermal Resistance; 20
°C/W Junction To Lead
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S2A
-L
S2A
50V
35V
50V
S2B
-L
S2B
100V
70V
100V
S2D
-L
S2D
200V
140V
200V
S2G
-L
S2G
400V
280V
400V
S2J
-L
S2J
600V
420V
600V
S2K
-L
S2K
800V
560V
800V
S2M
-L
S2M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.5A
TJ = 100
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
wave
Maximum
Instantaneous
Forward Voltage
VF
1.15V
IFM =1.5A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
125
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
*Pulse tes t: Pulse width 300
µsec, Duty cycle 2%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
G
A
B
D
C
DO-214AA
(SMB) (Lead Frame)
Revision: A
2011/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.075
.095
1.91
2.41
B
.077
.083
1.96
2.10
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.030
.060
.76
1.52
G
.200
.220
5.08
5.59
H
.160
.187
4.06
4.75
J
.130
.155
3.30
3.94
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - S2D-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S2D-L MCC-S2D-L Datasheet
114Kb / 4P
2.0 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
S2D-LT MCC-S2D-LT Datasheet
940Kb / 4P
1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
S2D-LTP MCC-S2D-LTP Datasheet
940Kb / 4P
1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2D-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP Datasheet
78Kb / 3P
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N5391GP CHENYI-1N5391GP Datasheet
48Kb / 3P
1.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP_11 Datasheet
429Kb / 4P
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
S2D-LTP MCC-S2D-LTP Datasheet
940Kb / 4P
1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
KBP005M MCC-KBP005M Datasheet
721Kb / 3P
1.5 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
S2A-L MCC-S2A-L_14 Datasheet
114Kb / 4P
2.0 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com