Electronic Components Datasheet Search
  English  ▼

X  

2N3501 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3501
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3501 Datasheet(HTML) 2 Page - Seme LAB

  2N3501 Datasheet HTML 1Page - Seme LAB 2N3501 Datasheet HTML 2Page - Seme LAB 2N3501 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3501
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 10mA
IB = 0
IC = 10µAIE = 0
IE= 10µAIC = 0
VCB = 75V
IE = 0
VCB = 75V
IE = 0
TA = 150°C
VEB(off) = 4V
IC = 0
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V1
IC = 150mA
VCE = 10V1
IC = 300mA
VCE = 10V1
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 150mA
IB = 15mA
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 150mA
IB = 15mA
VCE = 20V
IC = 20mA
f = 100MHz
VCB = 10V
IE = 0
f = 1MHz
VEB = 0.5V
IC = 0
f = 1MHz
VCE = 10V
IC = 10mA
f = 1KHz
VCE = 10V
IC = 10mA
f = 1KHz
VCE = 10V
IC = 10mA
f = 1KHz
VCE = 10V
IC = 10mA
f = 1KHz
150
150
6
0.05
50
25
35
50
75
100
300
20
0.2
0.25
0.4
0.8
0.9
1.2
150
8
80
0.25
1.25
4
375
200
OFF CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
V
µA
nA
—
V
V
MHz
pF
Ω
x10-4
—
Ω
V(BR)CEO
Collector-Emitter Breakdown Voltage1
V(BR)CBO
Collector-Base Breakdown Voltage
V(BR)EBO
Emitter-Base Breakdown Voltage
ICBO
Collector Cutoff Current
IEBO
Emitter Cutoff Current
hFE
DC Current Gain
VCE(SAT)
Collector-Emitter Saturation Voltage1
VBE(SAT)
Base-Emitter Saturation Voltage1
fT
Current-Gain–Bandwidth Product 2
Cobo
Output Capacitance
Cibo
Input Capacitance
hie
Input Impedance
hre
Voltage Feedback Ratio
hfe
Small-Signal Current Gain
hoe
Output Admittance
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5974
Issue 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com