Electronic Components Datasheet Search
  English  ▼

X  

V3A-7KB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # V3A-7KB
Description  Manual Swipe Magnetic Card Reader
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V3A-7KB Datasheet(HTML) 3 Page - Omron Electronics LLC

  V3A-7KB Datasheet HTML 1Page - Omron Electronics LLC V3A-7KB Datasheet HTML 2Page - Omron Electronics LLC V3A-7KB Datasheet HTML 3Page - Omron Electronics LLC V3A-7KB Datasheet HTML 4Page - Omron Electronics LLC V3A-7KB Datasheet HTML 5Page - Omron Electronics LLC V3A-7KB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
V3A
V3A
3
J
I/O INFORMATION
Single Track Connector
9-pin Molex connector part number 53261--0990. Applicable
Molex socket housing part number 51021--0900.
Pin #
Signal
Input/Output
Description
1
0 V
—
—
2
+5 VDC
—
—
3
CSV
Input
Current save
4
CLS
Output
Card loaded
5
RCP
Output
Read clock
6
RDP
Output
Read data
7
Not used
—
—
8
Not used
—
—
9
Not used
—
—
Double Track Connector
9-pin Molex connector part number 53261--0990. Applicable
Molex socket housing part number 51021--0900.
Pin #
Signal
Input/Output
Description
1
0 V
—
—
2
+5 VDC
—
—
3
CSV
Input
Current save
4
CLS2
Output
Card loaded 2
5
RCP2
Output
Read clock 2
6
RDP2
Output
Read data 2
7
CLS1/3
Output
Card loaded 1/3
8
RCP1/3
Output
Read clock 1/3
9
RDP1/3
Output
Read data 1/3
Triple Track Connector
12-pin Molex connector part number 53048--1210. Applicable
Molex socket housing part number 51021--1200.
Pin #
Signal
Input/Output
Description
1
0V
—
—
2
+5 VDC
—
—
3
CSV
Input
Current save
4
CLS3
Output
Card loaded 3
5
RCP3
Output
Read clock 3
6
RDP3
Output
Read data 3
7
CLS2
Output
Card loaded 2
8
RCP2
Output
Read clock 2
9
RDP2
Output
Read data 2
10
CLS1
Output
Card loaded 1
11
RCP1
Output
Read clock 1
12
RDP1
Output
Read data 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com