Electronic Components Datasheet Search
  English  ▼

X  

LPS103-M Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPS103-M
Description  150 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS103-M Datasheet(HTML) 3 Page - Emerson Network Power

  LPS103-M Datasheet HTML 1Page - Emerson Network Power LPS103-M Datasheet HTML 2Page - Emerson Network Power LPS103-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 03.30.10_29
LPS100-M Series
3 of 3
Embedded Power for
Business-Critical Continuity
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load Regulation2
Ripple
P/P (PARD)3
LPS102-M
5 V
0 A
16 A
24 A
30 A
± 2%
50 mV
LPS103-M
12 V
0 A
8.3 A
12.5 A
14 A
± 2%
120 mV
LPS104-M
15 V
0 A
6.7 A
10 A
11 A
± 2%
150 mV
LPS105-M
24 V
0 A
4.2 A
6.3 A
7 A
± 2%
240 mV
LPS108-M
48 V
0 A
2.1 A
3.1 A
3.5 A
± 2%
480 mV
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 mHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage
and load ranges.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. mounting holes MH1, MH2 should be grounded for EMI
purpose
4. Mounting MH1 is safety ground connection
5. Specifications are for convection rating at factory settings
at 115 Vac input 25 °C unless otherwise stated.
6. This power supply requires mounting on metal standoffs
0.20” (5 m) in height.
7. For DC input an external DC safety rated fuse must be used.
8. Warranty: 2 year
9. Weight: 0.44 lb. / 0.20 kg
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2010 Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
Pin Assignments
Connector LPS100-M
SK1
Pin 1
Neutral
Pin 3
Line
SK2
Pin 1
Common
Pin 2
Common
Pin 3
Common
Pin 4
Common
Pin 5
+Vout
Pin 6
+Vout
Pin 7
+Vout
Pin 8
+Vout
SK203
Pin 1
Common
Pin 2
Power Fail
Pin 3
- Remote Sense
Pin 4
+ Remote Sense
SK5
Pin 1
+12 V Fan
Pin 2
+12 V Fan
Pin 3
Fan Return (Isolated)
Pin 4
Fan Return (Isolated)
Mating Connectors
AC Input (SK1): Molex P/N: 09-50-3031, Pins: 08-52-0072
or
Landwin P/N: 3060S0302, Pins: 3360T011P
AC Ground
Molex: 01-90020001
DC Output
(SK2):
Molex P/N: 09-50-3081, Pins: 08-52-0072
or
Landwin P/N: 3060S0802, Pins: 3360T011P
Remote Sense
(SK203):
Molex P/N: 35155-0400, Pins: 08-70-0057
or
Landwin P/N: 2640S04A0, Pins: 2543T011P
Fan: (SK5):
Molex P/N: 22-01-1042, Pins: 08-70-0049
or
Landwin: P/N: 2510S04A0, Pins: 2543T011P
Emerson Network Power Connector Kit #70-841-025, includes all of the
above



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com