Electronic Components Datasheet Search
  English  ▼

X  

LT1550 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT1550
Description  Dot Matrix LED Unit for Indoor Use (Chip Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1550 Datasheet(HTML) 2 Page - Sharp Corporation

  LT1550 Datasheet HTML 1Page - Sharp Corporation LT1550 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
176
Dot Matrix LED Unit Outline Dimensions(Unit:mm)
±1
36.0
30.0
CN1
V
V
1
2
3
4
HD0
VD15
VD0
HD15
(Output signal)
GND1
9
8
3
A
A
A
A
RDATA
5
4
3
2
2
CN3
1
0
1
4
3
2
1
0
1
2
3
CN2
A
A
A
A
RDATA
LATCH
7
10
CLOCK
LATCH
7
9
8
10
ENABLE
CLOCK
GND1
5
6.6
8 MIN
4-M3.0
1
19 MAX
7 MIN
10
10
1
CN3
VR1
VR2
CN1
4.5
28.0 ±0.1
10.5
4
±0.1
4
28.0
1
6
6 GDATA
GDATA
±0.2
Pin connection
(Power supply)
LED
CC
GND1
GND2
16.5
62.5
CN2
20 MAX
(Input signal)
P4.0X15=60.0
63.8
(Depth 6.0)
256-ø2.8
ENABLE
20
V
HD15
D31
(32.5)
(40)
-0.4
+0.2
79.9
(2.45)
(2.45)
2.5X13=
Data shift direction
VD0
A0
A1
A2
A3
6
5
1
2
3
4
5
VLED
VLED
Name
Name
Name
VCC
GND
GND
CLOCK
9
4
1
8
7
RDATA
GDATA
LATCH
ENABLE
3
2
VR1
VR2
VR3
VR4
9
ENABLE
CLOCK
GND
6
GDATA
7
LATCH
GND
1
A3
RDATA
A0
A1
A2
2
3
4
5
8
73
(15)
(25)
(25)
(15)
5
10
1
10
1
1
512-ø2
4-M3(Depth6)
(37)
(33)
CN1(Power supply)
CN2(Input signal)
Pin No.
Pin No.
Pin No.
10
CN3(Output signal)
10
HD0
CN1
Pin connection
4.0!15=59.25
CN1(Power supply)
CN3(Output signal)
CN2(Input signal)
Name
Name
Name
VDD
VLED
GND1
GND2
A0
A1
A2
A3
RDATA
GDATA
LATCH
ENABLE
CLOCK
GND1
A0
A1
A2
A3
RDATA
GDATA
LATCH
ENABLE
CLOCK
GND1
1
2
3
4
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
10
10
NO
NO
NO
Depth5MIN.
Hexagonal supporter
Height
Data shift direction
GADJ
RADJ
HD0
VD15
VD0
HD15
4
CN1
1
CN2
CN3
1
10
7.5MAX
10.1
13.2
10
256-ø3.0
27.45
17.05
5.2
7.75±
1
4-M3
46
63.9
Pin connection
LT1465ED/LT1465M
LT1461ED
LT1481ED
12
3
128
8.2
HD0
VD0
VD31
Data shift direction
HD15
44.0
44.0
15.0
1
7
10
1
10
OUT
IN
6-M3 Insert nut
(Effective screw depth 4.0)
VR1
VR2
1A0
2
3
4
5
6
7
8
9
10
A1
A2
A3
RDATA
GDATA
LATCH
ENABLE
CLOCK
GND
CN2(Input signal)
Pin No.
Name
Pin connection
1A0
2
3
4
5
6
7
8
9
10
A1
A2
A3
RDATA
GDATA
LATCH
ENABLE
CLOCK
GND
Pin No.
Name
CN3(Output signal)
1
VLED
2
3
4
5
6
VLED
VLED
VCC
GND
GND
CN1(Power supply)
Pin No.
Name
7
GND
512-3t chip LED
CN1
1
-0.8
+0
110
±0.25
LT1550ED
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com