Electronic Components Datasheet Search
  English  ▼

X  

MPSA13 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MPSA13
Description  NPN Silicon Darlington Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSA13 Datasheet(HTML) 1 Page - Micro Commercial Components

  MPSA13 Datasheet HTML 1Page - Micro Commercial Components MPSA13 Datasheet HTML 2Page - Micro Commercial Components MPSA13 Datasheet HTML 3Page - Micro Commercial Components MPSA13 Datasheet HTML 4Page - Micro Commercial Components MPSA13 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MPSA13
MPSA14
NPN Silicon
Darlington Transistor
TO-92
Features
•
Capable of 1.5Watts of Power Dissipation.
•
Collector-current 500mA
•
Collector-base Voltage 30V
•
Operating and storage junction temperature range: -55
OC to +150OC
Maximum Ratings
Symbol
Rating
Rating
Unit
VCES
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current Continuous
500
mA
PD
Total Device Dissipation @TA=25
OC
Derate above 25
OC
625
5.0
mW
mW/
OC
PD
Total Device Dissipation @TA=25
OC
Derate above 25
OC
1.5
12
W
mW/
OC
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CES
Collector-Emitter Breakdown Voltage
(IC=100uAdc, IB=0)
30
Vdc
ICBO
Collector Cutoff Current
(VCB=30Vdc, IE=0)
100
nAdc
IEBO
Emitter Cutoff Current
(VEB=10Vdc, IC=0)
100
nAdc
ON CHARACTERISTICS
(1)
hFE(1)
DC Current Gain
(IC=10mAdc, VCE=5.0Vdc)
MPSA13
MPSA14
5000
10000
hFE(2)
DC Current Gain
(IC=100mAdc, VCE=5.0Vdc) MPSA13
MPSA14
10000
20000
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=0.1mAdc)
1.5
Vdc
VBE(on)
Base-Emitter Saturation Voltage
(IC=100mAdc, VCE=5.0Vdc)
2.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current-Gain – Bandwidth Product
(2)
(IC=10mAdc, VCE=5.0Vdc, f=100MHz)
125
MHz
1.
Pulse Test: Pulse Width<300us, Duty Cycle<2.0%
2.
fT=|hfe| x ftest
AE
B
C
D
G
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
Marking:MPSA13--MPSA13,MPSA14--MPSA14.
www.mccsemi.com
1 of 5
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
E
B
C


Similar Part No. - MPSA13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MPSA13 ONSEMI-MPSA13 Datasheet
72Kb / 6P
Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
KEC(Korea Electronics)
MPSA13 KEC-MPSA13 Datasheet
62Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
More results

Similar Description - MPSA13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
NPN Silicon Darlington Transistor
logo
Micro Electronics
MPSA12 MICRO-ELECTRONICS-MPSA12 Datasheet
70Kb / 1P
NPN SILICON DARLINGTON TRANSISTOR
logo
NEC
2SD1692 NEC-2SD1692 Datasheet
145Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
SILICON DARLINGTON NPN TRANSISTOR
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
logo
First Silicon Co., Ltd
MJD122 FS-MJD122 Datasheet
457Kb / 2P
NPN Silicon Darlington Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com