Electronic Components Datasheet Search
  English  ▼

X  

LT1550 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT1550
Description  Full Color Dot Matrix LED Unit for Indoor Use (Chip Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1550 Datasheet(HTML) 2 Page - Sharp Corporation

  LT1550 Datasheet HTML 1Page - Sharp Corporation LT1550 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
179
Dot Matrix LED Unit Outline Dimensions(Unit:mm)
24
20
VD31
128
4-M3
HD0
110
(25)
HD15
6
No.
1
GND
GND
GND
GND
Name
GND
A0
No.
5
4
3
2
1
V(B)
V(B)
V(R,G)
V(R,G)
VCC
Name
CN2
No.
1
A0
8
9
10
7
3
2
10
LATCH
BDATA
A2
A1
A3
RDATA
GDATA
2
10
A1
A2
A3
11
6
7
9
8
5
13
12
GND
CLOCK
11
9
8
7
6
5
4
13
12
4
3
13
CN2(IN)
CN1
1
1
13
10
CN3
(OUT)
VR1
VR3
VR2
1
-0.5
+0
512-t3(LED)
RENABL
GENABL
CN3
(Power supply)
CN1
VD0
Data shift direction
BENABL
(Depth Min. 6)
(Input signal)
(Output signal)
Name
GND
CLOCK
LATCH
BDATA
BENABLE
RENABLE
GENABLE
RDATA
GDATA
Pin connection
*1 LT6E26TP
*2 LT6U26TP
*1 ø5 Yellow-green
*2 ø5 Red
LT1545M
LT1541MN
11
HD16
HD31
VD15
239.2
13!13
VD0
HD0
HD15
(14.9!15=223.5)
18
(16.6)
NO
NO
NO
Name
ø7
ø6.5
Water-proof rubber
Positioning pin
CN1
6
1
10
(3.96!5= 19.8)
(45)
(Except CN1 to 3)
Height 11MAX
7
LATCH
(Depth 6MIN)
12-Insert nut(M3)
(177)
190
217
(206)
60
8-ø7concave
9
CLOCK
8
GENABLE
10
GND1
4
RENABLE
1
A0
2
A1
3
A2
5
RDATA
6
GDATA
(145)
1
Name
CN1:(Power supply)
CN3
1
VLED
2
VLED
3
Vcc
4
GND1
5
GND2
4
RENABLE
8
GENABLE
RADJ
GADJ
CN2:(Input signal) CN3:(Output signal)
2
A1
10
GND1
9
CLOCK
Name
1
A0
7
LATCH
6
GDATA
5
RDATA
3
A2
6
GND2
1
10
CN2
Pin connection
18
12
1
9
11
10
8
7
12
9
10
5
7
6
3
2
4
1
1
320
1
3
4
5
1
2
VLED
VLED
VLED
VLED
VLED
12
9
10
7
6
5
4
3
2
CN3
(10)
CN1
RADJ
CN12
119.7
VCC
12
11
11
6
VD0
GADJ
139.65
119.7
39.9
CN2
8
8
12
(P19.95!15=299.25)
VD15
Red LED!3
Yellow-green LED!6
Height Max. 20
HD0
GND2
A0
HD15
Data shift direction
GND1
A3
GENABLE
GND2
GND2
GND2
GND2
GND1
14-ø4.2hole
RADJ
GADJ
39.9
A2
A1
LATCH
GDATA
RDATA
RENABLE
NC
CLOCK
Water-proof ring(3!3mm)
(230)
(60.75)
4-concave(Depth7)
(1.2)
(5.8)
Lamp position in a dot(For all 256 pcs.)
CN2:(Input signal)
CN3:Output signal)
CN1:(Power supply)
A0
RDATA
GENABLE
12
GND1
CLOCK
RENABLE
NC
A3
A2
A1
LATCH
GDATA
139.65
Pin connection
LT1474M
LT1550W
LT1541MN/LT1545M
13
15
14
6
No.
1
GND
GND
GND
GND
Name
GND
A0
No.
5
4
3
2
1
V(B)
V(B)
V(R,G)
V(R,G)
VCC
Name
CN2
No.
1
A0
8
9
10
7
3
2
10
LATCH
BDATA
A2
A1
A3
RDATA
GDATA
2
10
A1
A2
A3
11
6
7
9
8
5
13
12
GND
CLOCK
11
9
8
7
6
5
4
13
12
4
3
RENABL
GENABL
CN3
(Power supply)
CN1
BENABL
(Input signal)
(Output signal)
Name
GND
CLOCK
LATCH
BDATA
BENABLE
RENABLE
GENABLE
RDATA
GDATA
VD31
192
HD0
HD15
-0.5
+0
512-t3 chipLED
VD0
Data shift direction
13.2
8.2
Pin connection
VR3(B)
VR2(GREEN)
VR1(RED)
CN1
1
1
10
13
(15)
76
76
8-N3
20
1
CN2
IN
CN3
CUT
13
LT1560W
16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com