Electronic Components Datasheet Search
  English  ▼

X  

TSC2000 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSC2000 Datasheet HTML 11Page - Texas Instruments TSC2000 Datasheet HTML 12Page - Texas Instruments TSC2000 Datasheet HTML 13Page - Texas Instruments TSC2000 Datasheet HTML 14Page - Texas Instruments TSC2000 Datasheet HTML 15Page - Texas Instruments TSC2000 Datasheet HTML 16Page - Texas Instruments TSC2000 Datasheet HTML 17Page - Texas Instruments TSC2000 Datasheet HTML 18Page - Texas Instruments TSC2000 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
www.ti.com
TSC2000
SBAS257
TABLE VII. STS Bit Operation.
STS
READ/WRITE
VALUE
DESCRIPTION
Read
0
Converter is Busy
Read
1
Conversions are Complete, Data is Available
Write
0
Normal Operation
Write
1
Stop Conversion and Power Down
A/D3
A/D2
A/D1
A/D0
FUNCTION
0
0
0
0
Invalid. No registers will be updated. This is the default state after a reset.
0
0
0
1
Touch screen scan function: X and Y coordinates converted and the results returned to X and Y data registers.
Scan continues until either the pen is lifted or a stop bit is sent.
0
0
1
0
Touch screen scan function: X, Y, Z1, and Z2 coordinates converted and the results returned to X, Y, Z1, and Z2
data registers. Scan continues until either the pen is lifted or a stop bit is sent.
0
0
1
1
Touch screen scan function: X coordinate converted and the results returned to X data register.
0
1
0
0
Touch screen scan function: Y coordinate converted and the results returned to Y data register.
0
1
0
1
Touch screen scan function: Z1 and Z2 coordinates converted and the results returned to Z1 and Z2 data registers.
0
1
1
0
Battery Input 1 converted and the results returned to the BAT1 data register.
0
1
1
1
Battery Input 2 converted and the results returned to the BAT2 data register.
1
0
0
0
Auxiliary Input 1 converted and the results returned to the AUX1 data register.
1
0
0
1
Auxiliary Input 2 converted and the results returned to the AUX2 data register.
1
0
1
0
A temperature measurement is made and the results returned to the temperature measurement 1 data register.
1
0
1
1
Port scan function: Battery Input 1, Battery Input 2, Auxiliary Input 1, and a Auxiliary Input measurements are made
and the results returned to the appropriate data registers.
1
1
0
0
A differential temperature measurement is made and the results returned to the temperature measurement 2 data
register.
1
1
0
1
Turn on X+, X– drivers.
1
1
1
0
Turn on Y+, Y– drivers.
1
1
1
1
Turn on Y+, X– drivers.
TABLE VIII. A/D Converter Function Select.
PSM
READ/WRITE
VALUE
DESCRIPTION
Read
0
No Screen Touch Detected
Read
1
Screen Touch Detected
Write
0
Conversions Controlled by Host
Write
1
Conversions Controlled by TSC2000
TABLE V. PSM Bit Operation.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PSM
STS
AD3
AD2
AD1
AD0
RS1
RS0
AV1
AV0
CL1
CL0
PV2
PV1
PV0
X
TABLE VI. A/D Converter Control Register.
RS1
RS0
FUNCTION
0
0
12-Bit Resolution. Power up and reset default.
0
1
8-Bit Resolution
1
0
10-Bit Resolution
1
1
12-Bit Resolution
TABLE IX. A/D Converter Resolution Control.
TSC2000 A/D CONVERTER CONTROL REGISTER
(PAGE 1, ADDRESS 00H)
The A/D converter in the TSC2000 is shared between all the
different functions. A control register determines which input
is selected, as well as other options. The result of the
conversion is placed in one of the result registers in Page 0
of memory, depending upon the function selected.
The A/D Converter Control Register controls several aspects
of the A/D converter. The register is formatted as shown in
Table VI.
Bit 15: PSM—Pen Status/Control Mode. Reading this bit
allows the host to determine if the screen is touched. Writing
to this bit determines the mode used to read coordinates:
host controlled, or under control of the TSC2000 responding
to a screen touch. When reading, the PENSTS bit indicates
if the pen is down or not. When writing to this register, this bit
determines if the TSC2000 controls the reading of coordi-
nates, or if the coordinate conversions are host-controlled.
The default state is host-controlled conversions (0).
Bit 14: STS—A/D Converter Status. When reading this bit
indicates if the converter is busy, or if conversions are
complete and data is available. Writing a 0 to this bit will
cause touch screen scans to continue until either the pen is
lifted or the process is stopped. Continuous scans or conver-
sions can be stopped by writing a 1 to this bit. This will
immediately halt a conversion (even if the pen is still down)
and cause the A/D converter to power down. The default
state is continuous conversions, but if this bit is read after a
reset or power-up, it will read 1.
Bits [13:10]: AD3–AD0—A/D Converter Function Select
Bits. These bits control which input is to be converted, and
what mode the converter is placed in. These bits are the
same whether reading or writing. A complete listing of how
these bits are used is shown in Table VIII.
Bits[9:8]: RS1, RS0—Resolution Control. The A/D converter
resolution is specified with these bits. A description of these
bits is shown in Table IX. These bits are the same whether
reading or writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com