Electronic Components Datasheet Search
  English  ▼

X  

UCC28811 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811
Description  LED LIGHTING POWER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28811 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28811 Datasheet HTML 2Page - Texas Instruments UCC28811 Datasheet HTML 3Page - Texas Instruments UCC28811 Datasheet HTML 4Page - Texas Instruments UCC28811 Datasheet HTML 5Page - Texas Instruments UCC28811 Datasheet HTML 6Page - Texas Instruments UCC28811 Datasheet HTML 7Page - Texas Instruments UCC28811 Datasheet HTML 8Page - Texas Instruments UCC28811 Datasheet HTML 9Page - Texas Instruments UCC28811 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
(
) (
)
ISENSE
EAOUT
VINS
V
0.67
V
2.5 V
V
75mV
@
´
-
´
+
VDD
GDRV
GND
TZE
VSENSE
EAOUT
VINS
ISENSE
8
7
6
5
1
2
3
4
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
Table 1. PIN DESCRIPTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Output of the transconductance error amplifier. The output current capability of this pin is 10
µA under normal
conditions, but increases to 1 mA when the voltage on VSENSE rises above 2.5 V. The EAOUT voltage is one of
the inputs to the current reference generator, with a dynamic input range of 2.5 V to 4.0 V. During zero energy or
EAOUT
2
O
overvoltage conditions, this pin goes below 2.5 V, nominal. When it goes below 2.3 V, the zero energy detect
comparator is activated which prevents the gate drive from switching. Loop compensation components are
connected between this pin and ground, or can be connected directly to the collector of the opto coupler in isolated
applications.
The device reference ground. All bypassing elements are connected to the GND pin with the shortest traces
GND
6
–
possible.
The gate drive output driving the flyback, buck, or boost switch. This output is capable of delivering up to 750-mA
GDRV
7
O
peak currents during turn-on and turn-off. An external gate drive resistor may be needed to limit the peak current
depending upon the VDD voltage being used. Below the UVLO threshold, the output is held low.
This pin senses the instantaneous switch current in the external switch and uses this signal as the internal ramp for
the current sense comparator. A small internal noise filter is provided. If additional filtering is needed, an external
R-C filter may be added to further suppress noise spikes. An internal clamp on the current reference generator
output terminates the switching cycle if VISENSE exceeds 1.7 V. An internal 75-mV offset is added to ISENSE signal
ISENSE
4
I
to limit the zero crossing distortion. The ISENSE threshold voltage is approximately equal to:
This pin is the input for the transformer zero energy detect comparator. A bias winding can be used to sense the
transformer zero energy. The transition is detected when the inductor current falls to zero and the TZE input goes
TZE
5
I
low. Internal active clamps are provided to prevent TZE from going below ground or rising too high. If zero energy is
not detected within 400
µs, a restart timer sets the latch and the gate drive high.
The supply voltage for the device. This pin must be bypassed with a high-frequency capacitor (not less than 0.1
µF)
and tied directly to GND with the shortest traces possible. The UCC28810 has a wide UVLO hysteresis, typically
6.3 V, which allows use of a lower value holdup capacitor on VDD, resulting in faster start up. The UCC28811 has a
VDD
8
I
narrow UVLO hysteresis, typically 2.8 V, and a typical turn-on threshold of 12.5 V for applications where the device
needs to be controlled by a downstream PWM controller. This narrower UVLO hysteresis requires a larger value
holdup capacitor.
This pin senses the instantaneous regulator input voltage through an external voltage divider. The VINS voltage
VINS
3
I
acts as one of the inputs to the current reference generator. The recommended operating range is 0 V to 3.8 V at
high line.
This pin is the inverting input to the transconductance amplifier, with a nominal value of 2.5 V, and is also the input
to the OVP comparator. Pulling this pin below the ENABLE threshold turns off the output switching, providing the
VSENSE
1
I
ability to externally disable the converter. This function also provides feedback fault protection, ensuring no runaway
if the feedback path is open. When using the internal error amplifier, this pin senses the output voltage through a
voltage divider.
SOIC-8 PACKAGE (TOP VIEW)
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com