Electronic Components Datasheet Search
  English  ▼

X  

ADM705 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM705
Description  Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM705 Datasheet(HTML) 3 Page - Analog Devices

  ADM705_08 Datasheet HTML 1Page - Analog Devices ADM705_08 Datasheet HTML 2Page - Analog Devices ADM705_08 Datasheet HTML 3Page - Analog Devices ADM705_08 Datasheet HTML 4Page - Analog Devices ADM705_08 Datasheet HTML 5Page - Analog Devices ADM705_08 Datasheet HTML 6Page - Analog Devices ADM705_08 Datasheet HTML 7Page - Analog Devices ADM705_08 Datasheet HTML 8Page - Analog Devices ADM705_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM705/ADM706/ADM707/ADM708
Rev. G | Page 3 of 12
SPECIFICATIONS
VCC = 4.75 V to 5.5 V, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
VCC Operating Voltage Range
1.0
5.5
V
Supply Current
190
250
μA
LOGIC OUTPUT
Reset Threshold
4.5
4.65
4.75
V
ADM705/ADM707
4.25
4.40
4.50
V
ADM706/ADM708
Reset Threshold Hysteresis
40
mV
RESET PULSE WIDTH
160
200
280
ms
RESET OUTPUT VOLTAGE
VCC − 1.5
V
ISOURCE = 800 μA
0.4
V
ISINK = 3.2 mA
0.3
V
VCC = 1 V, ISINK = 50 μA
0.3
V
VCC = 1.2 V, ISINK = 100 μA
RESET OUTPUT VOLTAGE
VCC − 1.5
V
ADM707/ADM708, ISOURCE = 800 μA
0.4
V
ADM707/ADM708, ISINK = 1.2 mA
WATCHDOG TIMEOUT PERIOD (tWD)
1.00
1.60
2.25
sec
VIL = 0.4 V, VIH = VCC × 0.8, WDI = VCC
WDI Pulse Width (tWP)
50
ns
WATCHDOG INPUT
WDI Input Threshold
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
50
150
μA
WDI = 0 V
−150
−50
μA
WDI = 0 V
WDO OUTPUT VOLTAGE
VCC − 1.5
V
ISOURCE = 800 μA
0.4
V
ISINK = 1.2 mA
MANUAL RESET INPUT
MR Pull-Up Current
100
250
600
μA
MR = 0 V
MR Pulse Width
150
ns
MR INPUT THRESHOLD
Logic Low
0.8
V
Logic High
2.0
V
MR TO RESET OUTPUT DELAY
250
ns
POWER-FAIL INPUT
PFI Input Threshold
1.2
1.25
1.3
V
PFI Input Current
−25
+0.01
+25
nA
PFO OUTPUT VOLTAGE
VCC − 1.5
V
ISOURCE = 800 μA
0.4
V
ISINK = 3.2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com