Electronic Components Datasheet Search
  English  ▼

X  

ADM706P_VC Datasheet(PDF) 8 Page - Analog Devices

Part # ADM706P_VC
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706P_VC Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM706P_VC Datasheet HTML 4Page - Analog Devices ADM706P_VC Datasheet HTML 5Page - Analog Devices ADM706P_VC Datasheet HTML 6Page - Analog Devices ADM706P_VC Datasheet HTML 7Page - Analog Devices ADM706P_VC Datasheet HTML 8Page - Analog Devices ADM706P_VC Datasheet HTML 9Page - Analog Devices ADM706P_VC Datasheet HTML 10Page - Analog Devices ADM706P_VC Datasheet HTML 11Page - Analog Devices ADM706P_VC Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 8 of 1
400ms/DIV
6
TYPICAL PERFORMANCE CHARACTERISTICS
RESET
VCC
Figure 6. ADM70xR/ADM70xS/ADM70xT
RESET Output Voltage vs. Supply Voltage
0V
1.3V
PFI
3V
1.2V
500ns/DIV
VCC = 3.3V
TA = 25°C
PFO
Figure 9. PFI Deassertion Response Time
RESET
VCC
400ms/DIV
Figure 7. RESET Output Voltage vs. Supply Voltage
500ns/DIV
3V
1.2V
0V
1.3V
PFI
VCC = 3.3V
TA = 25°C
PFO
Figure 8. PFI Assertion Response Time
0V
0V
3V
3
VCC = VRT
TA = 25°C
V
RESET
RESET
100ns/DIV
Figure 10. RESET, RESET Assertion
0V
0V
3V
3V
100ns/DIV
VCC = VRT
TA = 25°C
RESET
RESET
Figure 11. RESET, RESET Deassertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com