Electronic Components Datasheet Search
  English  ▼

X  

RH31 Datasheet(PDF) 1 Page - AVX Corporation

Part # RH31
Description  SMPS Capacitors (RH Style)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RH31 Datasheet(HTML) 1 Page - AVX Corporation

  RH31 Datasheet HTML 1Page - AVX Corporation RH31 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46
Style
L max
W max
H max
S ± 0.1
h
No. of leads
(±0.004)
per side
RH21
7.62 (0.300)
5.40 (0.213) 4.60 (0.181) 2.50 (0.098)
1.50 ±0.30
(0.059 ±0.012)
2
RH22
7.62 (0.300)
5.40 (0.213) 7.50 (0.295) 2.50 (0.098)
1.50 ±0.30
(0.059 ±0.012)
2
RH31
7.62 (0.300)
7.00 (0.270) 5.08 (0.200) 5.08 (0.200)
1.78 ±0.25
(0.070 ±0.010)
3
RH32
7.62 (0.300)
7.00 (0.270) 8.13 (0.320) 5.08 (0.200)
1.78 ±0.25
(0.070 ±0.010)
3
RH41
9.20 (0.362)
8.70 (0.342) 4.90 (0.192) 5.08 (0.200)
1.60 ±0.10
(0.062 ±0.004)
3
RH42
9.20 (0.362)
8.70 (0.342) 8.20 (0.323) 5.08 (0.200)
1.60 ±0.10
(0.062 ±0.004)
3
RH51
10.7 (0.421)
10.7 (0.421) 4.90 (0.192) 7.62 (0.300)
1.60 ±0.10
(0.062 ±0.004)
4
RH52
10.7 (0.421)
10.7 (0.421) 8.20 (0.323) 7.62 (0.300)
1.60 ±0.10
(0.062 ±0.004)
4
RH61
14.9 (0.586)
13.6 (0.535) 4.90 (0.192) 10.2 (0.400)
1.60 ±0.10
(0.062 ±0.004)
5
RH62
14.9 (0.586)
13.6 (0.535) 8.20 (0.323) 10.2 (0.400)
1.60 ±0.10
(0.062 ±0.004)
5
SMPS Capacitors (RH Style)
RH - Surface Mount ‘J’ Lead Range
0.047 μF to 47.0 μF
Low ESR/ESL
25V to 500 VDC
X7R Dielectric
-55ºC to +125ºC
This range of uncoated MLC capacitors are processed for
input and output filter capacitors in high frequency DC-DC
convertor applications above 10 Watts e.g. telecomms and
instrumentation, where high volume and low cost is required.
These products are available in surface mount ‘J’ leaded
versions and can be supplied in bulk and tape/reel packaging.
Temperature Coefficient CECC 30 000, (4.24.1)
X7R: C Temperature Characteristic - ± 15%, -55ºC to +125ºC
Capacitance Test
Measured at 1 VRMS max at 1KHz
Dissipation Factor 25°C
2.5% max at 1KHz, 1 VRMS max
Insulation Resistance 25°C
100K megohms or 1000 megohms-μF, whichever is less
Dielectric Withstanding Voltage 25°C (Flash Test)
250% rated voltage for 5 seconds with 50 mA max
charging current. (500 Volt units @ 150% rated voltage)
Life Test (1000 hrs) CECC 30 000 (4.23)
200% rated voltage at +125ºC.
(500 Volt units @ 120% rated voltage)
Thermal Shock IEC 68.2.14
-55ºC to +125ºC, 5 cycles
Resistance to Solder Heat IEC 68.2.20
ELECTRICAL SPECIFICATIONS
Typical ESR (mΩ) 3 μF, 100V X7R
ESR @ 100KHz
17
ESR @ 500KHz
12
ESR @ 1MHz
14
M1
M1 = M2
±0.5 (0.020)
M2
1.65 (0.065)
±0.15 (0.006)
0.6 (0.024)
±0.1 (0.004)
W Max.
L Max.
h
0.25 (0.010)Typ.
H Max.
1.4 (0.055) Typ.
S
Bend Radius
90
° ±5°
2.54 (0.100)
±0.05 (0.002)
Non-Accum.
DIMENSIONS
millimeters (inches)
DIMENSIONS millimeters (inches)


Similar Part No. - RH31

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RH311C225KA30A3 AVX-RH311C225KA30A3 Datasheet
66Kb / 2P
RH - Surface Mount J Lead Range
RH311C225KA3RA3 AVX-RH311C225KA3RA3 Datasheet
66Kb / 2P
RH - Surface Mount J Lead Range
RH311C225KAA0A3 AVX-RH311C225KAA0A3 Datasheet
66Kb / 2P
RH - Surface Mount J Lead Range
RH311C225KAARA3 AVX-RH311C225KAARA3 Datasheet
66Kb / 2P
RH - Surface Mount J Lead Range
RH311C225MA30A3 AVX-RH311C225MA30A3 Datasheet
66Kb / 2P
RH - Surface Mount J Lead Range
More results

Similar Description - RH31

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RMM AVX-RMM Datasheet
104Kb / 2P
RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
SMPS Stacked MLC Capacitors (SMM Style) Extended Range
RH21-62 AVX-RH21-62 Datasheet
66Kb / 2P
SMPS Capacitors (RH Style) RH - Surface Mount ?쁉??Lead Range
SE01 AVX-SE01 Datasheet
92Kb / 2P
SMPS Capacitors (SE Style) Extended Commercial Radial Range
SK01 AVX-SK01 Datasheet
94Kb / 2P
SMPS Capacitors (SK Style) Commercial Radial Range
SM01 AVX-SM01 Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM91 AVX-SM91 Datasheet
80Kb / 3P
SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
SMX AVX-SMX Datasheet
163Kb / 4P
SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
SE013C125MAA AVX-SE013C125MAA Datasheet
76Kb / 2P
SMPS Capacitors (SE Style)
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com