Electronic Components Datasheet Search
  English  ▼

X  

R1500F Datasheet(PDF) 2 Page - Micro Commercial Components

Part # R1500F
Description  500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R1500F Datasheet(HTML) 2 Page - Micro Commercial Components

  R1500F Datasheet HTML 1Page - Micro Commercial Components R1500F Datasheet HTML 2Page - Micro Commercial Components R1500F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R1200F thru R2000F
1
100
4
0
5
10
15
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30
Instantaneous Reverse Current - Micro Ampsversus
Percent Of Rated Peak Reverse Voltage - Volts
Figure 1
Typical Reverse Characteristics
0
120
20
40
60
80
.01
.02
.04
.06
TJ = 25
°C
µA
Volts
100
.08
.1
.2
.4
.6
.8
1
2
4
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
150
25
50
75
100
0
100
200
300
Single Phase, Half Wave
60Hz Resistive or Inductive Load
mA
°C
125
400
500
600
MCC
Revision: A
2011/01/01
Figure 3
Typical Forward Characteristics
VF , INSTANTANEOUS FORWARD VOLTAGE (V)
TM
Micro Commercial Components
www.mccsemi.com
2
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com