Electronic Components Datasheet Search
  English  ▼

X  

CPWR-AN08 Datasheet(PDF) 5 Page - Cree, Inc

Part # CPWR-AN08
Description  Application Considerations for Silicon Carbide MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPWR-AN08 Datasheet(HTML) 5 Page - Cree, Inc

  CPWR-AN08 Datasheet HTML 1Page - Cree, Inc CPWR-AN08 Datasheet HTML 2Page - Cree, Inc CPWR-AN08 Datasheet HTML 3Page - Cree, Inc CPWR-AN08 Datasheet HTML 4Page - Cree, Inc CPWR-AN08 Datasheet HTML 5Page - Cree, Inc CPWR-AN08 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Application Considerations for SiC MOSFETs
January 2011
CPWR-AN08, REV -
Application Considerations for SiC MOSFETs -
January 2011
This document is provided for informational purposes only and is not a warranty or a specification.
For product specifications, please see the data sheets available at www.cree.com/power. For warranty
information, please contact Cree Sales at PowerSales@cree.com.
Figure
The inductive turn-off losses versus temperature of the
IGBTs are shown in Figure 6. The freewheeling diode
Schottky diode. The turn-off losses of the IGBTs are significantl
strongly increase with temperature. This is due to the tail loss inherent with IGBTs. The NPT IGBT is
significantly better than the TFS IGBT. However, the NPT IGBT conduction losses are much higher than
the CMF20102D. The TFS IGBT conduction loss is lower than the
the highest of the three.
Turn-off Loss
Figure 6: Switching loss vs. temperature comparison (V
To achieve fast switching time, the gate drive interconnections need to have minimum parasitics,
especially inductance. This requires the gate driver to be located as close as possible to the
CMF20120D. Care should be exercised to minimize or eliminate r
be achieved by selecting an appropriate external gate resistor.
certain amount of turn-off snubbing that reduces voltage overshoot and ringing. As with any majority
carrier device, the CMF20120D has no tail, so the amount of drain voltage overshoot and parasitic
ringing is noticeably higher. The higher ringing is of concern because the lower transconductance and
low threshold voltage of the CMF20120D
di/dt can couple back to the gate circuit through any common gate/source inductance.
connection for the gate drive is recommended, especially if the gate driver cannot be located clos
CMF20120D. Ferrite beads (nickel-
are helpful to minimize ringing while maintaining fast switching time
high value resistor (10kΩ) between gate and source in order to prevent excessive floating of the gate
during system power up propagation delays.
Like any other power MOSFET, the
that has a 2.5 – 2.7 V built-in voltage, but a
to a Si SJMOSFET. Use of this diode is not recommended due to its high forward drop. An exte
Schottky diode is suggested. Cree’s C2D10120A is the recommended device until such time that a
247 single co-packaged part is released.
Conclusions:
6
5: Qg*RDS(on) Figure of Merit Comparison
off losses versus temperature of the CMF20120D compared with the TFS and NPT
The freewheeling diode used with all devices was a 1.2 kV, 10A SiC
off losses of the IGBTs are significantly higher than the CMF20120D
strongly increase with temperature. This is due to the tail loss inherent with IGBTs. The NPT IGBT is
significantly better than the TFS IGBT. However, the NPT IGBT conduction losses are much higher than
The TFS IGBT conduction loss is lower than the NPT IGBT, but the switching loss is
Turn-on Loss
: Switching loss vs. temperature comparison (VDD = VCC = 800V, ID = IC = 20A,
To achieve fast switching time, the gate drive interconnections need to have minimum parasitics,
especially inductance. This requires the gate driver to be located as close as possible to the
. Care should be exercised to minimize or eliminate ringing in the gate drive circuit. This can
be achieved by selecting an appropriate external gate resistor. The silicon IGBT current
off snubbing that reduces voltage overshoot and ringing. As with any majority
has no tail, so the amount of drain voltage overshoot and parasitic
ringing is noticeably higher. The higher ringing is of concern because the lower transconductance and
of the CMF20120D reduces gate noise immunity. The high level of drain current
di/dt can couple back to the gate circuit through any common gate/source inductance. A Kelvin
recommended, especially if the gate driver cannot be located clos
-zinc recommended) in lieu of or in addition to an external gate resistor
are helpful to minimize ringing while maintaining fast switching time. It is also recommended to connect a
en gate and source in order to prevent excessive floating of the gate
gation delays.
power MOSFET, the CMF20102D has a body diode. The body diode is a SiC PN
in voltage, but a substantially lower reverse recovery charge when compared
to a Si SJMOSFET. Use of this diode is not recommended due to its high forward drop. An exte
Cree’s C2D10120A is the recommended device until such time that a
ed part is released.
compared with the TFS and NPT
used with all devices was a 1.2 kV, 10A SiC
CMF20120D and
strongly increase with temperature. This is due to the tail loss inherent with IGBTs. The NPT IGBT is
significantly better than the TFS IGBT. However, the NPT IGBT conduction losses are much higher than
, but the switching loss is
= 20A, RG = 10
)
To achieve fast switching time, the gate drive interconnections need to have minimum parasitics,
especially inductance. This requires the gate driver to be located as close as possible to the
inging in the gate drive circuit. This can
current tail provides a
off snubbing that reduces voltage overshoot and ringing. As with any majority
has no tail, so the amount of drain voltage overshoot and parasitic
ringing is noticeably higher. The higher ringing is of concern because the lower transconductance and
reduces gate noise immunity. The high level of drain current
A Kelvin
recommended, especially if the gate driver cannot be located close to the
zinc recommended) in lieu of or in addition to an external gate resistor
It is also recommended to connect a
en gate and source in order to prevent excessive floating of the gate
is a SiC PN diode
substantially lower reverse recovery charge when compared
to a Si SJMOSFET. Use of this diode is not recommended due to its high forward drop. An external SiC
Cree’s C2D10120A is the recommended device until such time that a TO-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com