Electronic Components Datasheet Search
  English  ▼

X  

MP-L Datasheet(PDF) 7 Page - Cree, Inc

Part # MP-L
Description  Cree® XLamp® MP-L EasyWhite™ LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MP-L Datasheet(HTML) 7 Page - Cree, Inc

Back Button MP-L Datasheet HTML 3Page - Cree, Inc MP-L Datasheet HTML 4Page - Cree, Inc MP-L Datasheet HTML 5Page - Cree, Inc MP-L Datasheet HTML 6Page - Cree, Inc MP-L Datasheet HTML 7Page - Cree, Inc MP-L Datasheet HTML 8Page - Cree, Inc MP-L Datasheet HTML 9Page - Cree, Inc MP-L Datasheet HTML 10Page - Cree, Inc MP-L Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
XLAMP MP-L EASYWHITE LEDS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Performance grouPs – Brightness
XLamp MP-L EasyWhite LEDs are tested for luminous flux and placed into one of the following luminous-flux groups:
group code
min. luminous flux
@ 150 ma per
string (lm)
max. luminous flux
@ 150 ma per
string (lm)
A0
600
700
B0
700
800
C0
800
900
D0
900
1000
e0
1000
1100
F0
1100
1200
Performance grouPs – chromaticity
XLamp MP-L EasyWhite LEDs are tested for chromaticity and placed into one of the regions defined by the following
bounding coordinates.
easyWhite color temperatures – 4-step
code
cct
x
y
40F
4000 K
0.3744
0.3685
0.3782
0.3837
0.3912
0.3917
0.3863
0.3758
35F
3500 K
0.3981
0.3800
0.4040
0.3966
0.4186
0.4037
0.4116
0.3865
30F
3000 K
0.4242
0.3919
0.4322
0.4096
0.4449
0.4141
0.4359
0.3960
27F
2700 K
0.4475
0.3994
0.4573
0.4178
0.4695
0.4207
0.4589
0.4021
easyWhite color temperatures – 2-step
code
cct
x
y
40H
4000 K
0.3784
0.3741
0.3804
0.3818
0.3867
0.3857
0.3844
0.3778
35H
3500 K
0.4030
0.3857
0.4061
0.3941
0.4132
0.3976
0.4099
0.3890
30H
3000 K
0.4291
0.3973
0.4333
0.4062
0.4395
0.4084
0.4351
0.3994
27H
2700 K
0.4528
0.4046
0.4578
0.4138
0.4638
0.4152
0.4586
0.4060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com