Electronic Components Datasheet Search
  English  ▼

X  

NTS0102DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NTS0102DP
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NTS0102DP Datasheet HTML 3Page - NXP Semiconductors NTS0102DP Datasheet HTML 4Page - NXP Semiconductors NTS0102DP Datasheet HTML 5Page - NXP Semiconductors NTS0102DP Datasheet HTML 6Page - NXP Semiconductors NTS0102DP Datasheet HTML 7Page - NXP Semiconductors NTS0102DP Datasheet HTML 8Page - NXP Semiconductors NTS0102DP Datasheet HTML 9Page - NXP Semiconductors NTS0102DP Datasheet HTML 10Page - NXP Semiconductors NTS0102DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 11 April 2011
7 of 25
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
[1]
VCCI is the supply voltage associated with the input.
[2]
VCCO is the supply voltage associated with the output.
12. Dynamic characteristics
II
input leakage
current
OE input; VI = 0 V to 3.6 V;
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
-
±2-
±12
μA
IOZ
OFF-state
output current
A or B port; VO =0V orVCCO;
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
[2]
-
±2-
±12
μA
IOFF
power-off
leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) =0Vto5.5 V
-
±2-
±12
μA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V; VCC(A) =0Vto3.6 V
-
±2-
±12
μA
ICC
supply current
VI = 0 V or VCCI; IO = 0 A
[1]
ICC(A)
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
-2.4
-
15
μA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
2.2
-
15
μA
VCC(A) = 0 V; VCC(B) =5.5 V
-
−1-
−8
μA
ICC(B)
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
-12
-
30
μA
VCC(A) = 3.6 V; VCC(B) =0V
-
−1-
−5
μA
VCC(A) = 0 V; VCC(B) =5.5 V
-
1
-
6
μA
ICC(A) + ICC(B)
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
-
14.4
-
30
μA
Table 9.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Table 10.
Dynamic characteristics for temperature range
−40 °C to +85 °C[1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8; for wave forms see Figure 6 and Figure 7.
Symbol Parameter
Conditions
VCC(B)
Unit
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5.0 V
± 0.5 V
Min
Max
Min
Max
Min
Max
VCC(A) = 1.8 V ± 0.15 V
tPHL
HIGH to LOW
propagation delay
A to B
-
4.6
-
4.7
-
5.8
ns
tPLH
LOW to HIGH
propagation delay
A to B
-
6.8
-
6.8
-
7.0
ns
tPHL
HIGH to LOW
propagation delay
B to A
-
4.4
-
4.5
-
4.7
ns
tPLH
LOW to HIGH
propagation delay
B to A
-
5.3
-
4.5
-
0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com