Electronic Components Datasheet Search
  English  ▼

X  

NTS0102GD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102GD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 10Page - NXP Semiconductors NTS0102GD Datasheet HTML 11Page - NXP Semiconductors NTS0102GD Datasheet HTML 12Page - NXP Semiconductors NTS0102GD Datasheet HTML 13Page - NXP Semiconductors NTS0102GD Datasheet HTML 14Page - NXP Semiconductors NTS0102GD Datasheet HTML 15Page - NXP Semiconductors NTS0102GD Datasheet HTML 16Page - NXP Semiconductors NTS0102GD Datasheet HTML 17Page - NXP Semiconductors NTS0102GD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 11 April 2011
14 of 25
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
14. Application information
14.1 Applications
Voltage level-translation applications. The NTS0102 can be used in point-to-point
applications to interface between devices or systems operating at different supply
voltages. The device is primarily targeted at I2C or 1-wire which use open-drain drivers, it
may also be used in applications where push-pull drivers are connected to the ports,
however the NTB0102 may be more suitable.
14.2 Architecture
The architecture of the NTS0102 is shown in Figure 10. The device does not require an
extra input signal to control the direction of data flow from A to B or B to A.
The NTS0102 is a "switch" type voltage translator, it employs two key circuits to enable
voltage translation:
1. A pass-gate transistor (N-channel) that ties the ports together.
2. An output edge-rate accelerator that detects and accelerates rising edges on the I/O
pins.
Fig 9.
Typical operating circuit
001aam491
1.8 V
SYSTEM
CONTROLLER
3.3 V
SYSTEM
1.8 V
3.3 V
0.1
μF
0.1
μF
1
μF
VCC(A)
OE
A1
DATA
DATA
NTS0102
A2
B1
B2
VCC(B)
Fig 10. Architecture of NTS0102 I/O cell (one channel)
001aal965
VCC(A)
VCC(B)
AB
10 k
Ω
10 k
Ω
T1
T3
T2
ONE
SHOT
ONE
SHOT
GATE BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com