Electronic Components Datasheet Search
  English  ▼

X  

NX3L2467 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3L2467
Description  Dual low-ohmic double-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2467 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3L2467 Datasheet HTML 1Page - NXP Semiconductors NX3L2467 Datasheet HTML 2Page - NXP Semiconductors NX3L2467 Datasheet HTML 3Page - NXP Semiconductors NX3L2467 Datasheet HTML 4Page - NXP Semiconductors NX3L2467 Datasheet HTML 5Page - NXP Semiconductors NX3L2467 Datasheet HTML 6Page - NXP Semiconductors NX3L2467 Datasheet HTML 7Page - NXP Semiconductors NX3L2467 Datasheet HTML 8Page - NXP Semiconductors NX3L2467 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NX3L2467
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 29 December 2010
2 of 24
NXP Semiconductors
NX3L2467
Dual low-ohmic double-pole double-throw analog switch
3.
Applications
Cell phone
PDA
Portable media player
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX3L2467PW
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
NX3L2467HR
40 Cto+125 C
HXQFN16U plastic thermal enhanced extremely thin quad flat
package; no leads; 16 terminals; UTLP based;
body 3
 3  0.5 mm
SOT1039-1
NX3L2467GU
40 C to +125 C
XQFN16
plastic, extremely thin quad flat package; no leads;
16 terminals; body 1.80
 2.60  0.50 mm
SOT1161-1
Table 2.
Marking codes
Type number
Marking code
NX3L2467PW
X3L2467
NX3L2467HR
D67
NX3L2467GU
D67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com