Electronic Components Datasheet Search
  English  ▼

X  

LT202A Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT202A
Description  GaAs Hall IC for Fan Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT202A Datasheet(HTML) 2 Page - Sharp Corporation

  LT202A Datasheet HTML 1Page - Sharp Corporation LT202A Datasheet HTML 2Page - Sharp Corporation LT202A Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
s Block Diagram and Timing Chart
Fig. 1
Output Saturation Voltage vs.
Ambient Temperature
Fig. 2
Output Saturation Voltage vs.
Input Current (Continuous)
Hall IC
LT202A
VCC
Motor
8
7
6
Constant voltage
5
4
3
GND Alarm output
Phase
detection coil
1
2
+
-
+
-
+
-
Magnetic pole
S (>10mT)
S (>10mT)
N(<-10mT)
N(<-10mT)
Coil input(1:+)
V1-V2=<0
V1-V2>15mV
V1-V2<-15mV
V1-V2>=0
OUT 6
OFF
OFF
OFF
ON
OUT 7
ON
OFF
OFF
OFF
Timing chart
Rotation detector/
automatic restart circuit
VCC=12V
IO=250mA
0
-40
80
60
20
0
-20
40
100
2.0
1.6
1.2
0.8
0.4
1.8
1.4
1.0
0.6
0.2
Ambient temperature Ta (˚C)
VCC=12V
Ta=25˚C
0
0
200
100
300
2.0
1.6
1.2
0.8
0.4
1.8
1.4
1.0
0.6
0.2
Input current(Continuous) IO (mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com