Electronic Components Datasheet Search
  English  ▼

X  

HDBLS105G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HDBLS105G
Description  1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HDBLS105G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HDBLS105G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HDBLS105G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326854
Glass passivated junction
Ideal for printed circuit board
High surge current capability
Mechanical Data
HDBLS10XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HDBLS
101G
HDBLS
102G
HDBLS
103G
HDBLS
104G
HDBLS
105G
HDBLS
106G
HDBLS
107G
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Trr
nS
TJ
OC
TSTG
OC
Notes 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Notes 3: Mounted on P.C.B. with 0.2" x 0.2" (5 x 5mm) Copper Pads
1.0
1.3
1.7
50
75
Notes 1: Pulse Test with PW=300 usec, 1% Duty Cycle
RθjA
RθjL
40
15
50
A
Maximum Average Forward Rectified Current
@TA=40℃
IF(AV)
1
Typical Thermal Resistance (Note 3)
Maximum Instantaneous Forward Voltage (Note 1)
@1.0A
VF
Maximum DC Reverse Current
@T A=25℃
at Rated DC Block Voltage
@ T A=125 ℃
IR
Type Number
- 55 to + 150
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
Version:C11
V
HDBLS101G - HDBLS107G
Marking Diagram
DBLS
Reliable low cost construction utilizing molded
plastic technique
1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
Features
Case: Molded plastic
High temperature soldering guaranteed:
260℃/ 10 seconds / 0.375"(9.5mm)
lead length at 5lbs., (2.3kg) tension
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
IFSM
Weight: 0.36 grams
OC/W
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208
Dimensions in inches and (millimeters)
uA
Maximum Reverse Recovery Time (Note 2)
5
500
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - HDBLS105G

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
HDBLS105G TMT-HDBLS105G Datasheet
406Kb / 4P
1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
More results

Similar Description - HDBLS105G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
DF005G JGD-DF005G Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
EGP10A CHENYI-EGP10A Datasheet
67Kb / 3P
1.0Amp glass passivated high efficient rectifiers 50to800 volts
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2_11 Datasheet
338Kb / 2P
Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
DBLS101G TSC-DBLS101G Datasheet
128Kb / 2P
Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
HDBL101G TSC-HDBL101G Datasheet
142Kb / 2P
1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
1.0AMP. Glass Passivated High Efficient Rectifiers
UF4001 LUGUANG-UF4001 Datasheet
182Kb / 2P
1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_13 Datasheet
431Kb / 4P
1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com