Electronic Components Datasheet Search
  English  ▼

X  

LT202 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT202
Description  GaAs Hall IC for Fan Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT202 Datasheet(HTML) 1 Page - Sharp Corporation

  LT202 Datasheet HTML 1Page - Sharp Corporation LT202 Datasheet HTML 2Page - Sharp Corporation LT202 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device spcification sheets before using any SHARP device.
Hall IC
s Outline Dimensions
(Unit : mm)
LT202A
GaAs Hall IC for Fan Motor
s Features
¡Increasing the efficiency of motor rotation due to cutting
the electric current which doesn't contributing to rotation
¡Combining a GaAs Hall device and a driver IC in a
compact 8-pin SOP package
¡Operation in low magnetic flux density (10mT) due to
applied high sensitive Hall device
¡Built-in protection circuit, alarm output and automatic
restart circuit
s Applications
¡Brushless fan motors
1. Cooling fan motors for personal computers, word
processors, etc.
2. Directly cooling fan motors for cooling fin, PCB, etc.
3. Fan motors for air circulation of temperature sensor in
air conditioner
LT202A
As for dimensions of tape-packaged
products, refer to page 44 .
s Absolute Maximum Ratings
(Ta=25˚C)
Supply voltage
Output voltage
Output current (peak)
Output current (continuous)
Coil input voltage
Alarm output sink current
Power dissipation
Oparating temperature
Storage temperature
Symbol
VCC
VO
IOMAX
IO
VIN
ISINK
PD
Topr
Tstg
Conditions
VCC=12V
VCC=24V
VCC=12V
VCC=24V
Rating
30
55
750
450
250
150
-0.2 to 0.2
5
400
-20 to +80
-55 to +150
Unit
V
V
mA
mA
mA
mA
V
mA
mW
˚C
˚C
Parameter
Soldering temperature*1
Tsol
260
˚C
*1 Soldering time : within 10 seconds
(Note) Unspecified condition is Vcc=24V.
* In case of oscillating from power supply due to wiring, connect a condenser between 8-pin (Vcc) and 4-pin (GND).
s Electrical Characteristics
(Ta=25˚C)
Output saturation voltage
Output cut-off current
Operating supply voltage
Supply current
Operating magnetic flux density
Coil input sensitivity
Alarm output saturation voltage
Alarm output leakage current
Symbol
VOUT
IOC
VCC
ICC
B1
B2
VIN
VSAT
ILEAK
Conditions
IO=250mA, VCC=12V
VO=55V
*
At no-load
ISINK=4mA
V=28V
MIN.
-
-
8
-
-10
-
15
-
-
TYP.
-
-
-
-
-
-
-
-
-
MAX.
1.5
30
28
13
-
10
-
0.5
15
Unit
V
µA
V
mA
mT
mT
mV
V
µA
Parameter
X direction : against package
center -1.4±0.2a
Y direction : against package
center
0.0±0.2a
Z direction : from package
surface 0.0±0.2a
The section of leads (both sides of package in X-direction) is connected with the terminal of
internal IC. Be careful in connecting other circuits.
Terminal connection
1:Input terminal for phase detection
2:Input terminal for phase detection
3:Condenser terminal for rotation detection
4:GND
5:Alarm output
6:Vout
7:Vout
8:Vcc
-
Sensor
positioning
Y
X
0
14
85
8-0.4±0.1
5.0±0.2
0.15±0.05
P 1.27TYP
-


Similar Part No. - LT202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT202 ETC-LT202 Datasheet
99Kb / 2P
LT Series: 25/30 WATT Wide Input Range
More results

Similar Description - LT202

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3811NK PANASONIC-AN3811NK Datasheet
45Kb / 4P
Cylinder Hall motor driving IC for VCR
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
Fan motor driver IC
logo
Sharp Corporation
LT205A SHARP-LT205A Datasheet
20Kb / 1P
GaAs Hall IC for Fan Motor with Variable Speed by Temperature
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F_06 Datasheet
411Kb / 13P
FAN MOTOR DRIVER IC
logo
Melexis Microelectronic...
US90A MELEXIS-US90A Datasheet
307Kb / 12P
24V Hall IC Fan Driver
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
Hall IC Fan Motor Driver
logo
Melexis Microelectronic...
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
24V Hall IC Fan Driver
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
24V Hall IC Fan Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com