Electronic Components Datasheet Search
  English  ▼

X  

LT205 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT205
Description  GaAs Hall IC for Fan Motor with Variable Speed by Temperature
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT205 Datasheet(HTML) 1 Page - Sharp Corporation

  LT205 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LT205A
s Electrical Characteristics
(Ta=25˚C)
Operating supply voltage
Output current
Output saturation voltage
Output cut-off current
Operating magnetic flux density
Symbol
VCC
IOUT
VOUT
IOC
B1
Conditions
VCC=12V, IO=0.5A
VO=55V
MIN.
8
-
-
-
-10
TYP.
-
-
-
-
-
MAX.
28
(0.5)
(1.5)
30
-
Unit
V
A
V
µA
mT
Parameter
B2
-
-
10
mT
s Outline Dimentions
(Unit : Fmm)
GaAs Hall IC for Fan Motor with
Variable Speed by Temperature
s Block diagram
205
S
Y
16
12
7
0.8
5.0
0.15
0.35
0.7
0.6
1 : C+
2 : C-
3 : NC
4 : CEXT
5 : NC
6 : GND1
7 : ALOUT
8 : OUT2
9 : OUT1
10 : GND2
11 : VCC
12 : VREG
Terminal connection
-
+
12
11
10
9
8
4
6
7
1
2
REG
VCC
VCC
CEXT
Hall IC in the dotted line
Hall device
Temperature
control
circuit
Output time
control
Lock/automatic
reset
Rotation
detection
circuit
Thermistor
C-
C+
GND1 ALOUT
GND2
OUT1
OUT2
VREG
Fan Motor
0.1
µF
Regulator
s Applications
¡Brushless fan motor
¡ Cooling fan motor for personal computers,word
processors, etc.
¡Directly cooling fan for cooling fin, PCB, etc.
s Motor drive current vs. temperature (Example)
25˚C(*1)
45˚C(*2)
Thermistor ambient
temperature
*1,*2 Set at random
100%
50%
As for dimensions of tape-packaged products, refer to page 44 .
Hall IC
LT205A
(under development)
s Features
¡Space saving mounting due to combining a Hall device
and a driver IC in a small 12-pin SOP package
¡Wind control depending on calorific value
¡Low noise
¡With automatic reset and alarm output function when a
motor is locked
¡Surface mount type (Taping: 1,000 pcs/reel)
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device spcification sheets before using any SHARP device.


Similar Part No. - LT205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT205 ETC-LT205 Datasheet
99Kb / 2P
LT Series: 25/30 WATT Wide Input Range
logo
ABB
LT205-30C ABB-LT205-30C Datasheet
36Kb / 1P
LT205-30C Terminal Shroud
More results

Similar Description - LT205

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
Variable Speed Fan Motor Driver
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
Two-Phase Unipolar Driver for Variable-Speed Fan Motor
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
GaAs Hall IC for Fan Motor
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
Hall IC Fan Motor Driver
logo
Anpec Electronics Corop...
APX9270 ANPEC-APX9270 Datasheet
352Kb / 17P
Direct PWM Variable Speed Fan Motor Driver
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
OCTOBER 2004
logo
Anpec Electronics Corop...
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
Direct PWM Variable Speed Fan Motor Driver
logo
Schneider Electric
VZ3V1204 SCHNEIDER-VZ3V1204 Datasheet
79Kb / 1P
fan for variable speed drive
Aug 18, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com