Electronic Components Datasheet Search
  English  ▼

X  

DBLS151G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS151G
Description  Single Phase 1.5AMP. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS151G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DBLS151G_11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS151G_11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326854
Glass passivated junction
Small size, simple installation
Mechanical Data
DBLS15XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
DBLS
151G
DBLS
152G
DBLS
153G
DBLS
154G
DBLS
155G
DBLS
156G
DBLS
157G
DBLS
158G
DBLS
159G
Unit
VRRM
50
100
200
400
600
800
1000 1200 1400
V
VRMS
35
70
140
280
420
560
700
840
980
V
VDC
50
100
200
400
600
800
1000 1200 1400
V
I
2T
A
2S
TJ
OC
TSTG
OC
High surge current capability
High temperature soldering guaranteed:
260℃/ 10 seconds at 5lbs., (2.3kg) tension
Rating for fusing (t<8.3ms)
10.3
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
50
A
VF
Notes 2: Mounted on P.C.B. with 0.4" x 0.4" (10mm x 10 mm) Copper Pads
5
500
40
15
- 55 to + 150
- 55 to + 150
Notes 1: Pulse Test with PW=300 usec, 1% Duty Cycle
RθjA
RθjL
Typical Thermal Resistance (Note 2)
Type Number
Operating Temperature Range
Storage Temperature Range
Version:G11
OC/W
DBLS151G - DBLS159G
Marking Diagram
DBLS
V
Single Phase 1.5AMP. Glass Passivated Bridge Rectifiers
Features
Ideal for printed circuit board
Weight: 0.36 grams
Reliable low cost construction utilizing molded
plastic technique
Maximum Instantaneous Forward Voltage (Note 1)
@1.5A
uA
Case: DBLS
Maximum DC Reverse Current
@TA=25℃
at Rated DC Block Voltage
@ TA=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Average Forward Rectified Current
@TA=40℃
IF(AV)
1.5
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208
1.25
Maximum DC Blocking Voltage
Mounting position: as Marking
1.1
Dimensions in inches and (millimeters)
A
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - DBLS151G_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS151G TSC-DBLS151G_15 Datasheet
220Kb / 4P
Glass Passivated Bridge Rectifiers
More results

Similar Description - DBLS151G_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
W005G SECOS-W005G Datasheet
202Kb / 2P
1.5AMP Single Phase Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL151G TSC-DBL151G_11 Datasheet
132Kb / 2P
Single Phase 1.5AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBP151G LUGUANG-KBP151G Datasheet
178Kb / 2P
Single Phase 1.5AMP. Glass Passivatec Bridge Rectifiers
logo
DIYI Electronic Technol...
DB151 DYELEC-DB151 Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB151S DYELEC-EDB151S Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB151 DYELEC-RDB151_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS152 DYELEC-RABS152_17 Datasheet
4Mb / 3P
SINGLE PHASE 1.5AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF152 DYELEC-RABF152_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.5AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
DB151 DYELEC-DB151_16 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com