Electronic Components Datasheet Search
  English  ▼

X  

LT253A Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT253A
Description  GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT253A Datasheet(HTML) 2 Page - Sharp Corporation

  LT253A Datasheet HTML 1Page - Sharp Corporation LT253A Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 1
Operating Magnetic Flux Density
vs. Supply Voltage
Fig. 2
Operating Magnetic Flux Density
vs. Ambient Temperature
Fig. 6
Low Level Output Voltage vs.
Ambient Temperature
Fig. 5
Low Level Output Voltage vs.
Output Current
Fig. 3
Supply Current vs. Supply Voltage
Fig. 4
Supply Current vs. Ambient
Temperature
LT253A
Hall IC
Ta=25˚C
BOP
BRP
0
016
812
420
20
16
8
4
24
12
Supply voltage VCC (V)
VCC=16V
BOP
BRP
0
80
040
-40
120
20
16
8
4
24
12
Ambient temperature Ta (˚C)
VCC=16V
IO=4mA
B>=30mT
0
80
-40
0
40
120
0.5
0.4
0.3
0.2
0.1
Ambient temperature Ta (˚C)
VCC=16V
B=<10mT
0
-40
120
040
80
10
8
6
4
2
Ambient temperature Ta (˚C)
B=<10mT
Ta=25˚C
0
016
4
8
12
20
10
8
6
4
2
Supply voltage VCC (V)
VCC=16V
B>=30mT
Ta=25˚C
0
04
12
3
5
0.5
0.4
0.3
0.2
0.1
Output current IO (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com