Electronic Components Datasheet Search
  English  ▼

X  

LT9526D Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT9526D
Description  첩20mm, Dome Type, Colored Diffusion, High-luminosity, Large LED Lamps for Indoor Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT9526D Datasheet(HTML) 1 Page - Sharp Corporation

  LT9526D Datasheet HTML 1Page - Sharp Corporation LT9526D Datasheet HTML 2Page - Sharp Corporation LT9526D Datasheet HTML 3Page - Sharp Corporation LT9526D Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
91
LED Large Lamp
s Outline Dimensions
s Absolute Maximum Ratings
(Unit : mm)
LT9526t series
LT9526t series
2
11
12
9
10
7
8
0.5
2.54!5=12.7
ø23.0
5
6
3
4
1
2
ø20.0
±0.5
1
6
5
4
3
3.5
±0.5
23.8
±0.5
R1.0
9 8 7
1110
12
5.0
Colored diffusion
Pin connections
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P*1
(mW)
Forward current
IF*2
(mA)
Derating factor
(mA/˚C)*2
Peak forward current
IFM*2*3
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*4
(˚C)
Reverse voltage
VR*2
(V)
(Ta=25˚C)
LT9526D
LT9526H
LT9526E
GaAsP on GaP
GaAsP on GaP
GaP
1 010
1 010
1 010
60
60
60
100
100
100
1.09
1.09
1.09
1.82
1.82
1.82
5
5
5
260
260
260
Red
Yellow
Yellow-green
-25 to +70
-25 to +70
-30 to +80
-30 to +80
-25 to +70
-30 to +80
*1 Per chip
*2 Per lamp(6 chips/lamp)
*3 Duty ratio=1/10, Pulse width=0.1ms
*4 5s(At the position of 1.6mm or more from the bottom face of resin package)
TYP
MAX
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
LT9526D
LT9526H
LT9526E
2.0
2.0
2.2
2.8
2.8
2.8
635
585
565
40
40
40
250
250
250
40
40
40
35
35
30
40
40
40
10
10
10
4
4
4
30
30
30
1
1
1
→
→
→
Colored
diffusion
*5 Per chip
*6 Luminous intensity per lamp at IF=40mA/chip(6 chips/lamp)
s Electro-optical Characteristics*5
ø20mm, Dome Type, Colored
Diffusion, High-luminosity, Large
LED Lamps for Indoor Use


Similar Part No. - LT9526D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT9525D SHARP-LT9525D Datasheet
97Kb / 4P
첩20mm, Dome Type, Colored Diffusion, Large LED Lamps for Indoor Use
More results

Similar Description - LT9526D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL3UR8 SHARP-GL3UR8 Datasheet
94Kb / 4P
첩3mmT-1, Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
GL5UR8 SHARP-GL5UR8 Datasheet
71Kb / 3P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Outdoor Use
GL6UR26T SHARP-GL6UR26T Datasheet
104Kb / 3P
5.8X4.6mm, Oval Type, Colored/Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL8PR42 SHARP-GL8PR42 Datasheet
80Kb / 4P
2.0X4.0mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL8TR42 SHARP-GL8TR42 Datasheet
41Kb / 2P
2.0 X 3.9mm, Rectangle Type, Colored Diffusion, High-luminosity LED Lamp for Indicator
GL8UR21 SHARP-GL8UR21 Datasheet
48Kb / 2P
2.0 X 5.0mm, Rectangle Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
LT9525D SHARP-LT9525D Datasheet
97Kb / 4P
첩20mm, Dome Type, Colored Diffusion, Large LED Lamps for Indoor Use
LT9550U SHARP-LT9550U Datasheet
61Kb / 3P
첩7.5mm, Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Large LED lamps for Indoor Use
LT9560U SHARP-LT9560U Datasheet
274Kb / 6P
첩10mm, Cylinder Type, Colorless Transparency, High-luminosity Large LED lamps for Outdoor Use
logo
List of Unclassifed Man...
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
Convex Type, Colored Diffusion LED Lamps for Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com