Electronic Components Datasheet Search
  English  ▼

X  

STL85N6F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL85N6F3
Description  N-channel 60 V, 0.0057 廓, 19 A PowerFLAT??5x6 STripFET??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL85N6F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STL85N6F3 Datasheet HTML 1Page - STMicroelectronics STL85N6F3 Datasheet HTML 2Page - STMicroelectronics STL85N6F3 Datasheet HTML 3Page - STMicroelectronics STL85N6F3 Datasheet HTML 4Page - STMicroelectronics STL85N6F3 Datasheet HTML 5Page - STMicroelectronics STL85N6F3 Datasheet HTML 6Page - STMicroelectronics STL85N6F3 Datasheet HTML 7Page - STMicroelectronics STL85N6F3 Datasheet HTML 8Page - STMicroelectronics STL85N6F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2011
Doc ID 15340 Rev 2
1/15
15
STL85N6F3
N-channel 60 V, 0.0057
Ω, 19 A PowerFLAT™ 5x6
STripFET™ Power MOSFET
Features
Extremely low on-resistance RDS(on)
100% avalanche tested
Applications
Switching applications
Description
This N-channel enhancement mode Power
MOSFET benefits from the latest refinement of
STMicroelectronics' unique “single feature size“
strip-based process, which decreases the critical
alignment steps to offer exceptional
manufacturing reproducibility. The result is a
transistor with extremely high packing density for
low on-resistance, rugged avalanche
characteristics and low gate charge.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL85N6F3
60 V
< 0.0065
Ω 19 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ 5x6
1
2
3
4
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL85N6F3
85N6F3
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL85N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL80N4LLF3 STMICROELECTRONICS-STL80N4LLF3 Datasheet
347Kb / 12P
N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
22-Nov-2006
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
11-Mar-2014
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
22-Jun-2005
logo
Siemens Semiconductor G...
STL81004A SIEMENS-STL81004A Datasheet
129Kb / 4P
1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
More results

Similar Description - STL85N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
N-channel 30 V, 0.0048 Ω, 19 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL140N4LLF5 STMICROELECTRONICS-STL140N4LLF5 Datasheet
245Kb / 10P
N-channel 40 V, 0.00275 Ω, 32 A, PowerFLAT??(5x6) STripFET™V Power MOSFET
03-Jun-2010
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
10-Nov-2011
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
07-Dec-2010
STL35N6F3 STMICROELECTRONICS-STL35N6F3 Datasheet
994Kb / 17P
N-channel 60 V, 0.019 廓, 10 A STripFET??III Power MOSFET in PowerFLAT??5x6 package
11-May-2012
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
28-Jul-2011
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
N-channel 60 V, 2.4 mΩ typ., 140 A STripFET™F7 Power MOSFET in a PowerFLAT™5x6 package
21-Apr-2017
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
N-channel 30 V, 0.0055 Ω, 19 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
July 2010 Rev 2
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
N-channel 60 V, 0.0046 Ω typ., 90 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
June 2015 Rev 2
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0062 Ω typ., 19 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
July 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com