Electronic Components Datasheet Search
  English  ▼

X  

LT5010D Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT5010D
Description  Dot Matrix LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT5010D Datasheet(HTML) 2 Page - Sharp Corporation

  LT5010D Datasheet HTML 1Page - Sharp Corporation LT5010D Datasheet HTML 2Page - Sharp Corporation LT5010D Datasheet HTML 3Page - Sharp Corporation LT5010D Datasheet HTML 4Page - Sharp Corporation LT5010D Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
*1 Common pins show row.(Column row) *2 Duty ratio=1/10, Pulse width=0.1ms
*3 Duty ratio=1/16, pulse width=0.1ms
LT5026ED
LT5037T
LT5010T
LT5010D
LT5106D
LT5106S
LT5106E
LT5008ED
LT5105D
LT5105E
LT5007ED
LT5008D
LT5008E
LT5014D
LT5014S
LT5014E
LT5005D
LT5005S
LT5005E
LT5040ET
LT5005T
LT5013T
LT5050ET
LT5016ED
LT5027ED
LT5038T
LT5017ED
Number
of dots
Radiation color
Model No.
15
5
-20 to +60
-20 to +80
-20 to +80
-20 to +80
-20 to +70
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +80
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +70
-20 to +70
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
-20 to +60
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5/5
5
5
5
1.45
0.91
0.91
0.91
0.91
0.91
0.91
0.91
0.91
0.91
0.91
1.45
1.45
1.45
1.45
1.45
1.45
1.45
1.45
1.45/1.45
1.45
1.45
1.45
50
*2
Anode common*
1
Cathode common*
1
50
*2
50
*2
50
*2
50
*2
50
*2
50
*2
50
*2
50
*2
50
*2
50
*2
80
*3
80
*3
80
*3
80
*3
50
*2
80
*3
80
*3
80
*3
50/50
*3
80
*3
80
*3
80
*3
15
15
15
15
20
20
20
15
15
15
15
15
15
15
15
15
15
15
15/15
15
15
15
12.7!17.8
5!7
8!8
16!16
20!20
40!40
64!64
96!96
30.2!30.2
31.9!31.9
31.7!31.7
31.8!31.8
Yellow-green/Red
Yellow-green/Red
Yellow-green/Red
Red(High-luminosity)
Red(High-luminosity)
Red
Red
Yellow-green
Yellow-green
Yellow-green
Sunset orange
Red
Red
Red(High-luminosity)
Sunset orange
Sunset orange
Yellow-green/Red(High-luminosity)
Yellow-green/Red(High-luminosity)
Red
Yellow-green
Yellow-green/Red
Yellow-green/Red
Red(High-luminosity)
(Ta=25˚C)
Forward current
IF
(mA)
Outline
dimensions
(mm)
Peak forward current
IFM
(mA)
Derating factor
(mA/˚C)
Pulse
Reverse voltage
VR
(V)
Operating temperature
Topr.
(˚C)
Storage temperature
Tstg.
(˚C)
s Absolute Maximum Ratings Figures shown below are values per dot.
* Each figure shown in the table is yellow-green/red. *1 Common pins show row.(Column row)
*2 IFM=50mA *3 IF=10mA
LT5026ED
LT5037T
LT5010T
LT5010D
LT5106D
LT5106S
LT5106E
LT5008ED
LT5105D
LT5105E
LT5007ED
LT5008D
LT5008E
LT5014D
LT5014S
LT5014E
LT5005D
LT5005S
LT5005E
LT5040ET
LT5005T
LT5013T
LT5050ET
LT5016ED
LT5027ED
LT5038T
LT5017ED 2.4/2.2
2.4/2.2
1.85
1.85
3.0
(4.5)
660
20
50
100
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
3
4
4
4
4
3
4
4
10
10
10
10
10
10
10
10
10
10
10
10
10
10
100
10
10
10
10
100
10
10
50
50
50
50
10
10
10
50
50
50
50
35
50
50
50
50
50
50
50
10
50
50
30/35
30/35
20
35
35
35
30
30/35
35
30
20
50
35
30
30/20
20
35
35
30
30/20
30/35
30/35
565/635
565/635
660
635
635
610
565
565/635
635
565
660
635
610
565
565/660
660
635
610
565
565/660
565/635
565/635
1.9/1.6
2.5/2.0
2.2
1.11
1.11
1.11
1.69
2.08/1.56
2.03
2.7
1.35
1.3
1.11
1.7
1.45/1.70
1.78
1.04
1.11
1.3
(1.9)/(3.0)
5.2/3.9
7.15/5.85
3.0
3.0
2.3
2.7
2.7
2.7
2.7
3.0/2.7
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
2.7
2.7
3.0
3.0
3.0
3.0
2.2
2.2
2.2
2.4
2.2
2.4
1.85
2.2
2.2
2.4
1.85
2.2
2.2
2.4
2.4/2.2
2.4/1.85
2.4/1.85
2.4/2.2
2.4/2.2
12.7!17.8
5!7
8!8
16!16
20!20
40!40
64!64
96!96
30.2!30.2
31.8!31.8
31.9!31.9
31.7!31.7
Luminous intensity
*3
IV (mcd)
TYP.
TYP.
MAX.
Forward voltage*2
VF(V)
Peak emission wavelength
λp (nm)
TYP.
Spectrum radiation bandwidth
∆λ(nm)
TYP.
IF
(mA)
VR
(V)
Reverse current
IR(
µA)
MAX.
(Ta=25˚C)
*
*
*
*
*
*
*
Number
of dots
Radiation color
Model No.
Anode common*
1
Cathode common*
1
Outline
dimensions
(mm)
Yellow-green/Red
Yellow-green/Red
Yellow-green/Red
Red(High-luminosity)
Red(High-luminosity)
Red
Red
Yellow-green
Yellow-green
Yellow-green
Sunset orange
Red
Red
Red(High-luminosity)
Sunset orange
Sunset orange
Yellow-green/Red(High-luminosity)
Yellow-green/Red(High-luminosity)
Red
Yellow-green
Yellow-green/Red
Yellow-green/Red
Red(High-luminosity)
s Electro-optical Characteristics Figures shown below are values per dot.
Dot Matrix LED
153
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com