Electronic Components Datasheet Search
  English  ▼

X  

LPC2142 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2142
Description  ARM7-based microcontrollers with full-speed USB 2.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2142 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2142 Datasheet HTML 1Page - NXP Semiconductors LPC2142 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ARM7-based microcontrollers
with full-speed USB 2.0
These powerful yet cost-effective microcontrollers offer USB 2.0 full-speed (12 Mbps) capability
and have up to 512 KB of ISP/IAP Flash and up to 40 KB of SRAM. Each has up to two 10-bit A/D
converters, a 10-bit D/A converter, two I2C-bus interfaces, and Fast I/O.
60-MHz, 32-bit
microcontroller with
ARM7TDMI-S™ core
LPC214x
Key features
4
60-MHz,32-bitARM7TDMI-Swith
AHB/APBinterfaces
4
Upto512KBofISP/IAPFlash
4
Upto40KBofSRAM
4
VeryfastFlashprogrammingviaon-
chipbootloader
4
USB2.0full-speed(12Mbps)device
4
Uptotwo10-bitA/Dconverters
4
10-bitD/Aconverter
4
Multipleserialinterfaces:twoI2C,
twoUARTs,oneSPI,andoneSSP
4
Two32-bittimers
4
Real-timeclockandWatchdogtimer
4
45FastI/Opins(5-Vtolerant)withup
to15-MHzswitchingrate
4
Single3.3-Vsupply
4
LQFP64package(10x10x1.4mm)
Applications
4
Automotiveentertainment
4
Connectivity
4
Display
4
Communicationsgatewaysand
protocolconverters
4
Softwaremodems
4
Voicerecognition
4
Low-endimaging
TheNXPmicrocontrollerfamilyLPC214x
usesahigh-performance32-bitARM7
corethatoperatesatupto60MHz.
Eachdevicehasupto512KBofon-chip
Flashandupto40KBofon-chipSRAM
memory.
In-SystemProgramming(ISP)andIn-
ApplicationProgramming(IAP)software
minimizeprogrammingtime–each256-
bytelinetakesonly1mstoprogram,
andasingle-sectororfull-chiperase
takesonly400ms.
A128-bit-widememoryinterfaceand
apatentedmemoryacceleratorenable
32-bitcodeexecutionfromFlashwith
zerowait-states.Forapplicationswhere
codesizeiscritical,analternative16-bit
Thumbmodereducescodebymore
than30%withminimalperformance
penalties.
Eachmicrocontrollerinthefamily
includesaUSB2.0full-speed(12Mbps)
devicethatsupports32endpointswith
2KBofendpointRAM.IntheLPC2146
andtheLPC2148,upto8KBoftheRAM
canbeusedbytheUSBDMA.Inall
thedevices,theUSBfunctionsupports
Control,Interrupt,Bulk,andIsochronous
data-transfermodes.Designerscan


Similar Part No. - LPC2142

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2142 PHILIPS-LPC2142 Datasheet
193Kb / 38P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 01-3 October 2005
LPC2142 NXP-LPC2142 Datasheet
189Kb / 39P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 03-19 October 2007
LPC2142 NXP-LPC2142 Datasheet
192Kb / 40P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2142 NXP-LPC2142 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2142 NXP-LPC2142 Datasheet
413Kb / 45P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
More results

Similar Description - LPC2142

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Maxim Integrated Produc...
MAX4906 MAXIM-MAX4906 Datasheet
221Kb / 14P
High-/Full-Speed USB 2.0 Switches
Rev 2; 1/07
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
8-Bit Microcontroller with Full-Speed USB 2.0
logo
C-Media Electronics
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
USB 2.0 full speed-compliant
CM6533 CMEDIA-CM6533 Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
USB 2.0 full-speed compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com