Electronic Components Datasheet Search
  English  ▼

X  

MMBT4403 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBT4403
Description  PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT4403 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBT4403 Datasheet HTML 1Page - Micro Commercial Components MMBT4403 Datasheet HTML 2Page - Micro Commercial Components MMBT4403 Datasheet HTML 3Page - Micro Commercial Components MMBT4403 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBT4403
PNP General
Purpose Amplifier
SOT-23
Suggested Solder
Pad Layout
Features
•
Capable of 350mWatts of Power Dissipation
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, IE=0)
40
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µAdc, IC=0)
5.0
Vdc
IBL
Base Cutoff Current
(VCE=30Vdc, VBE=3.0Vdc)
0.1
µAdc
ICEX
Collector Cutoff Current
(VCE=30Vdc, VBE=3.0Vdc)
0.1
µAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=150mAdc, VCE=2.0Vdc)
(IC=500mAdc, VCE=2.0Vdc)
30
60
100
100
300
20
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.4
0.75
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.75
0.95
1.30
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=20mAdc, VCE=10Vdc, f=100MHz)
200
MHz
Ccb
Output Capacitance
(VCB=10Vdc, IE=0, f=1.0MHz)
8.5
pF
Ceb
Input Capacitance
(VEB=0.5Vdc, IC=0, f=1.0MHz)
30.0
pF
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=3.0Vdc, VBE=2.0Vdc
15
ns
tr
Rise Time
IC=150mAdc, IB1=15mAdc)
20
ns
ts
Storage Time
(VCC=3.0Vdc, IC=150mAdc
225
ns
tf
Fall Time
IB1=IB2=15mAdc)
30
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
Operating and Storage Junction Temperatures: -55
to 150
Surface Mount SOT-23 Package
Ic=-600mA
E
B
C
www.mccsemi.com
1 of 4
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Marking:2T/M3A


Similar Part No. - MMBT4403

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4403 TRSYS-MMBT4403 Datasheet
196Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403 FAIRCHILD-MMBT4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT4403 DIODES-MMBT4403 Datasheet
55Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30058 Rev. 3 - 2
logo
General Semiconductor
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMBT4403 MCC-MMBT4403 Datasheet
88Kb / 3P
PNP General Purpose Amplifier
More results

Similar Description - MMBT4403

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com