Electronic Components Datasheet Search
  English  ▼

X  

MMBTA14 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBTA14
Description  NPN Darlington Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA14 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBTA14 Datasheet HTML 1Page - Micro Commercial Components MMBTA14 Datasheet HTML 2Page - Micro Commercial Components MMBTA14 Datasheet HTML 3Page - Micro Commercial Components MMBTA14 Datasheet HTML 4Page - Micro Commercial Components MMBTA14 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
50
100
200
500
20
Figure 3. Noise Current
f, FREQUENCY (Hz)
Figure 4. Total Wideband Noise Voltage
RS, SOURCE RESISTANCE (kΩ)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (kΩ)
5.0
50
70
100
200
30
10
20
1.0
10
10
20
50 100 200 500 1k 2k
5k 10k 20k 50k 100k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 1.0 mA
100 µA
10 µA
BANDWIDTH = 1.0 Hz
IC = 1.0 mA
100 µA
10 µA
2.0
5.0
10
20
50
100 200
500 1000
BANDWIDTH = 10 Hz TO 15.7 kHz
IC = 10 µA
100 µA
1.0 mA
8.0
10
12
14
6.0
0
4.0
1.0
2.0
5.0
10
20
50 100
200
500 1000
2.0
BANDWIDTH = 10 Hz TO 15.7 kHz
10 µA
100 µA
IC = 1.0 mA
10 20
50 100 200 500 1k 2k
5k 10k 20k 50k 100k
MCC
MMBTA14
MMBTA13
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com